Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 164 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 160Page - Texas Instruments TMS320C80GF Datasheet HTML 161Page - Texas Instruments TMS320C80GF Datasheet HTML 162Page - Texas Instruments TMS320C80GF Datasheet HTML 163Page - Texas Instruments TMS320C80GF Datasheet HTML 164Page - Texas Instruments TMS320C80GF Datasheet HTML 165Page - Texas Instruments TMS320C80GF Datasheet HTML 166Page - Texas Instruments TMS320C80GF Datasheet HTML 167Page - Texas Instruments TMS320C80GF Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
161
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
emulator interface connection
The ’C80 supports emulation through a dedicated emulation port that is a superset of the IEEE Standard 1149.1
(JTAG) Standard. To support the ’C80 emulator, a target system must include a 14-pin header (2 rows of 7 pins)
with the connections shown in Figure 135.
1
3
5
7
9
11
13
2
4
6
8
10
12
14
TMS
TDI
PD(+3.3V)
TDO
TCKRET
TCK
EMU0
TRST
GND
No pin (key)
GND
GND
GND
EMU1
Pin Spacing: 0.100 in. (X,Y)
Pin Width: 0.025 in, square post
Pin Length: 0.235 in. nominal
(see Table 38)
Figure 135. Target System Header
Table 38. Target Connectors
XDS 510
SIGNAL
XDS 510
STATE
TARGET
STATE
DESCRIPTION
TMS
O
I
Test-mode select†
TDI
O
I
Test-data input†
TDO
I
O
Test-data output†
TCK
O
I
Test clock – 10 MHz clock source from emulator. Can be used to drive system-test clock.†
TRST
O
I
Test reset†
EMU0
I
I/O
Emulation pin 0
EMU1
I
I/O
Emulation pin 1
PD (3.3 V)
I
O
Presence detect. Indicates that the target is connected and powered up. Should be tied to
+ 3.3 V on target system.
TCKRET
I
O
Test clock return. Test clock input to the XDS 510 emulator. Can be buffered or unbuffered
version of TCK.†
† IEEE Standard 1149.1.
For best results, the emulation header should be located as close as possible to the ’C80. If the distance exceeds
six inches, the emulation signals should be buffered. See Figure 136.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com