Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 147 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments TMS320C80GF Datasheet HTML 148Page - Texas Instruments TMS320C80GF Datasheet HTML 149Page - Texas Instruments TMS320C80GF Datasheet HTML 150Page - Texas Instruments TMS320C80GF Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
144
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
local bus timing requirements: cycle configuration inputs (see Figure 121)
The cycle configuration inputs are sampled at the beginning of each row access during the r2 state. The inputs
typically are generated by a static decode of the A[31:0] and STATUS[5:0] outputs.
NO.
MIN
MAX
UNIT
14
tsu(CFGV-CKOH)
Setup time, AS, BS, CT, PS, and UTIME valid to CLKOUT no longer low
8
ns
15
th(CKOH-CFGV)
Hold time, AS, BS, CT, PS, and UTIME valid after CLKOUT high
2
ns
16
ta(MIDV-CFGV)
Access time, AS, BS, CT, PS, and UTIME valid after memory identification (A,
STATUS) valid
3tH – 10
ns
Valid
Valid
Valid
Valid
Row Address
Cycle Type
Valid
UTIME
PS[3:0]
CT[2:0]
BS[1:0]
AS[2:0]
RL
A[31:0]
STATUS[5:0]
CLKOUT
tH
tH
tH
tH
tH
tH
15
14
16
Figure 121. Local Bus Timing: Cycle Configuration Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com