Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 55Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 56Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 57Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 58Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 59Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 60Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 61Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 62Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 59
Control Channel and Register Programming
The control channel is available for the µC to send and
receive control data over the serial link simultaneously
with the high-speed data. The µC controls the link from
either the serializer or the deserializer side to support
video-display or image-sensing applications. The control
channel between the µC and serializer or deserializer
runs in base mode or bypass mode according to the
mode-selection input (MS) of the device connected to
the µC. Base mode is a half-duplex control channel and
bypass mode is a full-duplex control channel. The total
maximum forward or reverse control-channel delay is 2µs
(UART) or 2-bit times (I2C) from the input of one device
to the output of the other. I2C delay is measured from a
START condition to a STOP condition.
UART Interface
In base mode, the µC is the host and can access the
registers of both the serializer and deserializer from either
side of the link using the GMSL UART protocol. The µC
can also program the peripherals on the remote side by
sending the UART packets to the serializer or deserializer,
with the UART packets converted to I2C by the device
on the remote side of the link. The µC communicates
with a UART peripheral in base mode (through INTTYPE
register settings), using the half-duplex default GMSL
UART protocol of the serializer/deserializer. The device
addresses of the serializer and deserializer in base mode
are programmable.
When the peripheral interface is I2C, the serializer/
deserializer convert UART packets to I2C that have
device addresses different from those of the serializer or
deserializer. The converted I2C bit rate is the same as the
original UART bit rate.
The deserializer uses differential line coding to send signals
over the reverse channel to the serializer. The bit rate of the
control channel is 9.6kbps to 1Mbps in both directions. The
serializer and deserializer automatically detect the control-
channel bit rate in base mode. Packet bit-rate changes can
be made in steps of up to 3.5 times higher or lower than the
previous bit rate. See the Changing the Clock Frequency
section for more information.
Table 9. fSRC Settings
*MCLK is not divided when using WS as the MCLK source. MCLK divider must still be set to a nonzero number for MCLK to be
enabled.
Figure 40. Audio Channel Output Format
MCLKWS SETTING
(REGISTER 0x15, D1)
MCLKSRC SETTING
(REGISTER 0x12, D7)
DATA RATE
SETTING
BIT-WIDTH SETTING
MCLK SOURCE
FREQUENCY (fSRC)
0
0
High speed
(DRS = 0)
24-bit or high-bandwidth mode
3 x fPIXEL
32-bit mode
4 x fPIXEL
Low speed
(DRS = 1)
24-bit or high-bandwidth mode
6 x fPIXEL
32-bit mode
8 x fPIXEL
1
—
—
Internal oscillator
(120MHz typ)
1
—
—
—
WS*
I2S
TDM 256
SCK
SD
WS
SCK
SD
WS
8 TO 32 BITS
256 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com