Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 76
Table 18. Link Integrity Check (Normal)—Performed Every 128 Frames After Encryption
is Enabled
NO.
µC
HDCP GMSL SERIALIZER
HDCP GMSL DESERIALIZER
1
—
Generates Ri and updates the
RI register every 128 VSYNC
cycles.
Generates Ri’ and updates the RI’
register every 128 VSYNC cycles.
2
—
Continues to encrypt and
transmit A/V data.
Continues to receive, decrypt, and
output A/V data.
3
Every 128 video frames (VSYNC cycles) or
every 2s.
—
—
4
Reads RI from the GMSL serializer.
—
—
5
Reads RI’ from the deserializer.
—
—
6
Reads RI again from the GMSL serializer and
makes sure it is stable (matches the previous
RI that it has read from the GMSL serializer). If
RI is not stable, go back to step 5.
—
—
7
If RI matches RI’, the link integrity check is
successful; go back to step 3.
—
—
8
If RI does not match RI’, the link integrity
check fails. After the detection of failure of
link integrity check, the FC makes sure that
A/V data not requiring protection (low-value
content) is available at the GMSL serializer
inputs (such as blue or informative screen).
Alternatively, the FORCE_VIDEO and
FORCE_AUDIO bits of the GMSL serializer
can be used to mask A/V data input of the
GMSL serializer.
—
—
9
Writes 0 to the ENCRYPTION_ENABLE bit of
the GMSL serializer and deserializer.
Disables encryption and
transmits low-value content A/V
data.
Disables decryption and outputs low-
value content A/V data.
10
Restarts authentication by writing 1 to the
RESET_HDCP bit followed by writing 1 to the
START_AUTHENTICATION bit in the GMSL
serializer.
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com