Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 48Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 49Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 53Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 54Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 55Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 52
Table 6. Input Pixel Clock Range (MHz) (continued)
GMSL BIT
WIDTH
CSI-2 OUTPUT
MODES
NUMBER OF
CSI-2 LANES
DRS LOW
DRS HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
10
RAW10
(Single Load)
YUV422 10b Muxed
1
16.67 to
100
36.67 to
100
12.5 to
78
8.333 to
16.67
18.33 to
36.67
8 to 12.5
2
16.67 to
104
36.67 to
104
16 to 78
16 to
16.67
18.33 to
36.67
Do not
use
3
24 to 104
36.67 to
104
24 to 78
Do not
use
24 to
36.67
Do not
use
4
32 to 104
36.67 to
104
32 to 78
Do not
use
32 to
36.67
Do not
use
12
RAW12
(Single Load)
1
16.67 to
83.33
36.67 to
83.3
12.5 to
78
8.333 to
16.67
18.33 to
36.67
6.667 to
12.5
2
16.67 to
104
36.67 to
104
13.33 to
78
13.33 to
16.67
18.33 to
36.67
Do Not
Use
3
20 to 104
36.67 to
104
20 to 78
Do not
use
20 to
36.67
Do not
use
4
26.67 to
104
36.67 to
104
26.67 to
78
Do not
use
26.67 to
36.67
Do not
use
14
RAW14
(Single Load)
1
16.67 to
71.43
36.67 to
71.43
12.5 to
71.43
8.333 to
16.67
18.33 to
36.67
6.25 to
12.5
2
16.67 to
104
36.67 to
104
12.5 to
78
11.43 to
16.67
18.33 to
36.67
11.43 to
12.5
3
17.14 to
104
36.67 to
104
17.14 to
78
Do not
use
18.33 to
36.67
Do not
use
4
22.86 to
104
36.67 to
104
22.86 to
78
Do not
use
22.86 to
36.67
Do not
use
16
RAW8
(Double Load)
YUV442 8b
RGB565
1
16.67 to
62.5
36.67 to
62.5
12.5 to
62.5
8.333 to
16.67
18.33 to
36.67
6.25 to
12.5
2
16.67 to
104
36.67 to
104
12.5 to
78
10 to
16.67
18.33 to
36.67
10 to
12.5
3
16.67 to
104
36.67 to
104
15 to 78
15 to
16.67
18.33 to
36.67
Do Not
Use
4
20 to 104
36.67 to
104
20 to 78
Do not
use
20 to
36.67
Do not
use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com