Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 24Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 21
PIN
NAME
FUNCTION
42
DRS
Data-Rate Select Input. DRS is latched upon power-up or when PWDN transitions low-to-high. Set
DRS high for pixel clock rates below 16.66MHz (BWS = low), 12.5MHz (BWS = high), or 36.66MHz
(BWS = open). Set DRS = low for faster pixel clock rates.
44
LFLT
Active-Low Open-Drain Line-Fault Output. LFLT has a 60kΩ internal pullup to IOVDD. LFLT = low
indicates a line fault. LFLT is high when PWDN = low.
45
LMN0
Line Fault Monitor Input 0 (See Figure 1)
46
LMN1
Line Fault Monitor Input 1 (See Figure 1)
48
CX/TP
Three-Level Coax/Twisted Pair Select Input. Use 6kΩ (max) pullup to IOVDD or pulldown resistor for
setting CX/TP = high or low. See Table 12 for function.
—
EP
Exposed Pad. EP is internally connected to device ground.
MUST connect EP to the PCB ground plane
through an array of vias for proper thermal and electrical performance.
SERIAL TO
PARALLEL
FIFO
PARALLEL
TO CSI-2
I2S/TDM
TX
RGB
VS
DE
HS
RGB
CNTL[3:0]
(9B10B)
CLK±
DOUT0±
DOUT1±
DOUT2±
DOUT3±
PWDN BWS
REVERSE
CONTROL
CHANNEL
VIDEO
MAX9288
MAX9290
IN+
IN-
CLKDIV
HDCP
DECRYPT
VS
DE
HS
HDCP
DECRYPT
HDCP
KEYS
CDRPLL
HDCP
CONTROL
FCC
ACB
SD
WS
SCK
CML RX
AND EQ
ADD[2:0]
8B/10B
DECODE/
DESCRAMBLE
(MAX9290
ONLY)
CONTROL
(9B10B)
SYNC
UART/I2C
TX/
SCL
RX/
SDA
GPIO_
GPI
I2CSEL
ADD0/CNTL0,
HIM/CNTL1,
ADD2/CNTL2,
ADD1/CNTL3
DATA DESCRIPTION
REGISTERS
INTOUT
CONTROL
CX/TP
ADD[2:0],
HIM
CDS
EQS
MS
PLL
Pin Description (continued)
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com