Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
(VAVDD18 = VDVDD18 = VIOVDD = 1.8V, VAVDD3 = 3.3V, TA = +25°C, unless otherwise noted.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
Maxim Integrated │ 16
www.maximintegrated.com
100
120
140
160
180
200
220
240
260
15
30
45
60
75
90
105
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = OPEN)
toc02
PRBS ON,
COAX MODE,
RGB888,
HDCP ON
2 CHANNELS
EQ OFF
EQ ON
100
120
140
160
180
200
220
240
260
5
20
35
50
65
80
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = HIGH)
toc03
PRBS ON,
COAX MODE,
RGB888,
HDCP ON
2 CHANNELS
EQ OFF
EQ ON
100
120
140
160
180
200
220
240
260
5 15 25 35 45 55 65 75 85 95 105
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = LOW)
toc01
PRBS ON,
COAX MODE,
RGB666,
HDCP ON
2 CHANNELS
EQ OFF
EQ ON
100
120
140
160
180
200
220
240
260
5 15 25 35 45 55 65 75 85 95 105
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = LOW)
toc04
PRBS ON,
COAX MODE,
RGB666,
HDCP ON
4 CHANNELS
EQ OFF
EQ ON
100
120
140
160
180
200
220
240
260
5
20
35
50
65
80
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = HIGH)
toc06
PRBS ON,
COAX MODE,
RGB888,
HDCP ON
4 CHANNELS
EQ OFF
EQ ON
100
120
140
160
180
200
220
240
260
15
30
45
60
75
90
105
PCLK FREQUENCY (MHz)
SUPPLY CURRENT
vs. PIXEL CLOCK FREQUENCY (BWS = OPEN)
toc05
PRBS ON,
COAX MODE,
RGB888,
HDCP ON
4 CHANNELS
EQ OFF
EQ ON
0
20
40
60
80
100
120
0
5
10
15
20
25
CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY
vs. COAX CABLE LENGTH (BER ≤ 10-10)
toc07
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 15m
OPTIMUM
PE/EQ
NO PE,
10.7dB EQ
NO PE/EQ
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com