Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 72 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 72 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 72
Configuration Link
The control channel can operate in a low-speed mode
called configuration link in the absence of a clock input.
This allows a microprocessor to program configuration
registers before starting the video link. An internal oscil-
lator provides the clock for the configuration link. Set
CLINKEN = 1 on the serializer to enable configuration
link. Configuration link is active until the video link is
enabled. The video link overrides the configuration link
and attempts to lock when SEREN = 1.
Link Startup Procedure
Table 16 lists the startup procedure for image-sensing
applications. The control channel is available after the
video link or the configuration link is established. If the
deserializer powers up after the serializer, the control
channel becomes unavailable for 2ms after power-up.
Table 16. Startup Procedure for Image-Sensing Applications (CDS = High, Figure 58)
NO.
µC
SERIALIZER
DESERIALIZER
(AUTOSTART ENABLED)
(AUTOSTART DISABLED)
—
µC connected to deserializer.
Sets all configuration
inputs.
Sets all configuration
inputs.
Sets all configuration
inputs.
1
Powers up.
Powers up and loads
default settings.
Establishes video link when
valid PCLK available.
Powers up and loads
default settings. Goes to
sleep after 8ms.
Powers up and loads
default settings.
Locks to video link
signal if available.
2
Writes deserializer configuration bits
and gets an acknowledge.
Configuration
changed from default
settings.
3
Wakes up the serializer by sending
dummy packet, and then writing
SLEEP = 0 within 8ms. May not get
an acknowledge (or gets a dummy
acknowledge) if not locked.
Wakes up.
4
Writes serializer configuration bits.
May not get an acknowledge (or gets
a dummy acknowledge) if not locked.
Configuration changed from default settings.
5
If not already enabled, sets SEREN =
1, gets an acknowledge and waits for
serial link to be established (~3ms).
Establishes video link when valid PCLK available (if not
already enabled).
Locks to video link
signal (if not already
locked).
6
Begin sending video data to input.
Video data serialized and sent across serial link.
Video data received
and deserialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com