Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 74
If the total number of downstream receivers exceeds 14,
the µC must set the MAX_DEVS_EXCEEDED register bit
when it assembles the KSV list.
HDCP Authentication Procedures
The GMSL serializer generates a 64-bit random number
exceeding the HDCP requirement. The GMSL serial-
izer/deserializer internal one-time programmable (OTP)
memories contain a unique HDCP keyset programmed at
the factory. The host µC initiates and controls the HDCP
authentication procedure. The GMSL serializer and dese-
rializer generate HDCP authentication response values
for the verification of authentication. Use the following
procedures to authenticate the HDCP GMSL encryption
(refer to the HDCP 1.3 Amendment for GMSL for details).
The µC must perform link integrity checks while encryp-
tion is enabled (see Table 17). Any event that indicates
that the deserializer has lost link synchronization should
retrigger authentication. The µC must first write 1 to the
RESET_HDCP bit in the GMSL serializer before starting
a new authentication attempt.
HDCP Protocol Summary
Table 17, Table 18, and Table 19 list the summaries of the
HDCP protocol. These tables serve as an implementation
guide only. Meet the requirements in the GMSL amend-
ment for HDCP to be in full compliance.
Table 17. Startup, HDCP Authentication, and Normal Operation (Deserializer is Not a
Repeater)—First Part of the HDCP Authentication Protocol
NO.
µC
HDCP GMSL SERIALIZER
HDCP GMSL DESERIALIZER
1
Initial state after power-up.
Powers up waiting for HDCP
authentication.
Powers up waiting for HDCP
authentication.
2
Makes sure that A/V data not requiring
protection (low-value content) is available at
the GMSL serializer inputs (such as blue or
informative screen). Alternatively, uses the
FORCE_VIDEO and FORCE_AUDIO bits of
the GMSL serializer to mask A/V data at the
input of the GMSL serializer. Starts the link by
writing SEREN = H or link starts automatically
if AUTOS is low.
—
—
3
—
Starts serialization and transmits
low-value content A/V data.
Locks to incoming data stream and
outputs low-value content A/V data.
4
Reads the locked bit of the deserializer and
makes sure the link is established.
—
—
5
Optionally writes a random-number seed to
the GMSL serializer.
Combines seed with internally
generated random number. If
no seed provided, only internal
random number is used.
—
6
If HDCP encryption is required, starts
authentication by writing 1 to the
START_AUTHENTICATION bit of the GMSL
serializer.
Generates (stores) AN, and
resets the
START_AUTHENTICATION bit
to 0.
—
7
Reads AN and AKSV from the GMSL serializer
and writes to the deserializer.
—
Generates R0’ triggered by the µC’s
write of AKSV.
8
Reads the BKSV and REPEATER bit from the
deserializer and writes to the GMSL serializer.
Generates R0, triggered by the
µC’s write of BKSV.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com