Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 71 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 71
High-Immunity Reverse Control-Channel Mode
The deserializer contains a high-immunity reverse
control-channel mode, which has increased robustness at
half the bit rate over the standard GMSL reverse control-
channel link (Table 14). Set HIM on the serializer and
deserializer to use high-immunity mode at power-up. Set
the HIGHIMM bit high in both the serializer and dese-
rializer to enable high-immunity mode at any time after
power-up. Set the HIGHIMM bit low in both the serializer
and deserializer to use the legacy reverse control-channel
mode. The deserializer reverse channel mode is not avail-
able for 500µs/1.92ms after the reverse control-channel
mode is changed through the serializer/deserializer’s
HIGHIMM bit setting, respectively. The user must set HIM
or the HIGHIMM bits to the same value for proper reverse
control-channel communication.
In high-immunity mode, Set HPFTUNE = 00 in the equal-
izer, if the serial bit rate = [pixel clock x 30 (BWS = low
or open) or 40 (BWS = high)] is larger than 1Gbps when
BWS is low or high. When BWS = open, set HPFTUNE =
00 when the serial bit rate is larger than 2GBps.
By default, high-immunity mode uses a 500kbps bit rate.
Set REVFAST =1 (D7 in register 0x1A in the serializer and
register 0x11 in the deserializer) in both devices to use a
1Mbps bit rate. Certain limitations apply when using the
fast high-immunity mode (Table 15).
Sleep Mode
The deserializers have sleep mode to reduce power
consumption. The devices enter or exit sleep mode by a
command from a remote µC using the control channel.
Set the SLEEP bit to 1 to initiate sleep mode. Entering
sleep mode resets the HDCP registers, but not the con-
figuration registers. The deserializer sleeps after serial
link inactivity or 8ms (whichever arrives first) after setting
its SLEEP = 1. See the Link Startup Procedure section
for details on waking up the device for different µC and
starting conditions.
To wake up from the local side, send an arbitrary control-
channel command to the deserializer, wait for 5ms for the
chip to power up, and then write 0 to SLEEP register bit
to make the wake-up permanent. To wake up from the
remote side, enable serialization. The deserializer detects
the activity on serial link and then when it locks, it auto-
matically sets its SLEEP register bit to 0.
Power-Down Mode
The deserializers have a power-down mode that further
reduces power consumption compared to sleep mode. Set
PWDN
low to enter power-down mode. In power-down, the
parallel outputs remain high impedance. Entering power-
down resets the device’s registers. Upon exiting power-
down, the state of external pins ADD0–ADD2, CX/TP,
I2CSEL, DRS, EQS, HIM/CNTL1, and BWS are latched.
Table 14. Reverse Control-Channel Modes
Table 15. Fast High-Immunity Mode Requirements
Fast high-immunity mode requires DRS = 0.
X = Don’t care.
HIGHIMM BIT OR
SD/HIM PIN SETTING
REVFAST
BIT
REVERSE CONTROL-CHANNEL MODE
MAX UART/
I2C BIT RATE
(kbps)
Low (0)
X
Legacy reverse control-channel mode (compatible with all GMSL
devices)
1000
High (1)
0
High-immunity mode
500
1
Fast high-immunity mode
1000
BWS SETTING
ALLOWED PIXEL CLOCK FREQUENCY (MHz)
Low
> 41.66
High
> 30
Open
> 83.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com