Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 61Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 62Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 64Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 65
Bus Reset
The device resets the bus with the I2C START condition
for reads. When the R/W bit is set to 1, the deserializers
transmit data to the master, thus the master is reading
from the device.
Format for Writing
Writes to the deserializers comprise the transmission of
the slave address with the R/W bit set to zero, followed
by at least 1 byte of information. The first byte of informa-
tion is the register address or command byte. The register
address determines which register of the device is to be
written by the next byte, if received. If a STOP (P) condi-
tion is detected after the register address is received, the
device takes no further action beyond storing the register
address (Figure 51). Any bytes received after the register
address are data bytes. The first data byte goes into the
register selected by the register address, and subsequent
data bytes go into subsequent registers (Figure 52). If
multiple data bytes are transmitted before a STOP con-
dition, these bytes are stored in subsequent registers
because the register addresses autoincrement.
Figure 51. Format for I2C Write
Figure 52. Format for Write to Multiple Registers
S
1
0
0
0
ADDRESS = 0x80
0 = WRITE
0
0
0
0
A
0
0
0
0
REGISTER ADDRESS = 0x00
0
0
0
0
A
P
D7 D6 D5 D4
REGISTER 0x00 WRITE DATA
D3 D2 D1 D0
A
S = START BIT
P = STOP BIT
A = ACK
D_ = DATA BIT
S = START BIT
P = STOP BIT
A = ACK
N = NACK
D_ = DATA BIT
S
1
0
0
0
ADDRESS = 0x80
0 = WRITE
0
0
0
0
A
0
0
0
0
REGISTER ADDRESS = 0x00
0
0
0
0
A
D7
D6
D5
D4
REGISTER 0x00 WRITE DATA
D3
D2
D1
D0
A
D7
P
D6
D5
D4
REGISTER 0x01 WRITE DATA
D3
D2
D1
D0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com