Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 92 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 90Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 91Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 92Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 93Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 94Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 95Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 92
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x12
D7
MCLKSRC
0
MCLK derived from PCLKOUT. See Table 9.
0
1
MCLK derived from internal oscillator.
D[6:0]
MCLKDIV
0000000
MCLK disabled.
0000000
XXXXXXX
MCLK divider.
0x13
D[7:0]
—
0X000000
Reserved
0X000000
0x14
D7
INVVS
0
Normal VSYNC operation.
0
1
Invert VSYNC.
D6
INVHS
0
Normal HSYNC operation.
0
1
Invert HSYNC.
D5
INVDE
0
Normal DE operation.
0
1
Invert DE.
D4
DRS
0
High data rate mode. Power-up default when
DRS pin is low (transitions on the DRS pin
override the DRS bit setting).
0, 1
1
Low data rate mode. Power-up default when
DRS pin is high (transitions on the DRS pin
override the DRS bit setting).
D3
DCS
0
Normal parallel output driver current.
0
1
Boosted parallel output driver current.
D2
DISRWAKE
0
Enable remote wake-up.
0
1
Disable remote wake-up.
D1
—
0
Reserved
0
D0
INTOUT
0
Drive INTOUT low.
0
1
Drive INTOUT high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com