Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 91Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 92Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 93Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 94Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 95Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 96Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 97Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 98Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 95
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x1F
D[7:5]
—
000
Reserved
000
(Read only)
D4
CAPS
0
Not HDCP capable (MAX9288).
(Read only)
1
HDCP capable (MAX9290).
D[3:0]
REVISION
XXXX
Device revision.
(Read only)
0x40 to 0x59
D[7:0]
AVINFO
XXXXXXXX
Video/audio format/status/information bytes.
All zeroes
0x60
D[7:6]
VC
00
CSI-2 outputs with ID as virtual channel 0.
00
01
CSI-2 outputs with ID as virtual channel 1.
10
CSI-2 outputs with ID as virtual channel 2.
11
CSI-2 outputs with ID as virtual channel 3.
D5
INPUTBW
0
RAW8/10/12 mode uses single load. YUV422-
8b/10b uses muxed mode.
0
1
RAW8/10/12 mode uses double load. YUV422-
8b/10b uses normal mode.
D4
OLDI
0
RGB888 uses VESA format
(MSB to LSB bit order = 7, 6, 5, 4, 3, 2, 1, 0).
1
1
RGB888 uses oLDI format
(MSB to LSB bit order = 5, 4, 3, 2, 1, 0, 7, 6).
D[3:0]
DATATYPE
0000
CSI-2 output uses RGB888
(Power-on
default).
0000
0001
CSI-2 output uses RGB565.
0010
CSI-2 output uses RGB666.
0011
CSI-2 output uses YUV 422 8-bit.
0100
CSI-2 output uses YUV 422 10-bit.
0101
CSI-2 output uses RAW8.
0110
CSI-2 output uses RAW10.
0111
CSI-2 output uses RAW12.
1000
CSI-2 output uses RAW14.
1001
CSI-2 output uses user defined generic 24-bit (0x30).
1010
CSI-2 output uses user defined YUV422 12-bit (0x30).
1011
CSI-2 output uses user defined generic 8-bit (0x31).
11XX
Do not use.
0x61
D[7:0]
PIXELCNTLOW
XXXXXXXX
Low byte of pixel count. Set this register
according to the pixel count per line.
00000000
0x62
D[7:0]
PIXELCNTHIGH
XXXXXXXX
High byte of pixel count. Set this register
according to the pixel count per line.
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com