Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 84Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 81
Table 20. HDCP Authentication and Normal Operation (One Repeater, Two µCs)—First
and Second Parts of the HDCP Authentication Protocol (continued)
NO.
µC_B
µC_R
HDCP GMSL
SERIALIZER
(TX_B1, TX_R1,
TX_R2)
HDCP GMSL
DESERIALIZER
(RX_R1, RX_D1,
RX_D2)
TX_B1 CDS = 0
TX_R1 CDS = 0
TX_R2 CDS = 0
RX_R1 CDS = 1
RX_D1 CDS = 0
RX_D2 CDS = 0
10
—
When GPIO_0 = 1 is detected,
enables encryption on the
(TX_R1, RX_D1) and (TX_R2,
RX_D2) links.
TX_R1, TX_R2:
Encryption enabled
after next VSYNC
falling edge.
RX_D1, RX_D2:
Decryption enabled
after next VSYNC
falling edge.
11
Waits for some time to allow
µC_R to make the KSV list
ready in RX_R1. Then polls
(reads) the KSV_LIST_READY
bit of RX_R1 regularly until
proper acknowledge frame is
received and bit is read as 1.
Blocks control channel
from µC_B side by setting
REVCCEN = FWDCCEN = 0
in RX_R1. Retries until proper
acknowledge frame received.
—
RX_R1: Control
channel from serializer
side (TX_B1) is blocked
after FWDCCEN =
REVCCEN = 0 is
written.
12
Writes BKSVs of RX_D1 and
RX_D2 to the KSV list in RX_
R1. Then, calculates and writes
the BINFO register of RX_R1.
—
RX_R1: Triggered by
µC_R’s write of BINFO,
calculates hash value
(V’) on the KSV list,
BINFO and the secret-
value M0’.
13
Writes 1 to the KSV_LIST_
READY bit of RX_R1 and then
unblocks the control channel
from the µC_B side by setting
REVCCEN = FWDCCEN = 1 in
RX_R1.
—
RX_R1: Control channel
from the serializer side
(TX_B1) is unblocked
after FWDCCEN =
REVCCEN = 1 is
written.
14
Reads the KSV list and BINFO
from RX_R1 and writes them
to TX_B1. If any of the MAX_
DEVS_EXCEEDED or MAX_
CASCADE_EXCEEDED bits
is 1, then authentication fails.
Note: BINFO must be written
after the KSV list.
—
TX_B1: Triggered by
µC_B’s write of BINFO,
calculates hash value
(V) on the KSV list,
BINFO and the secret-
value M0.
—
15
Reads V from TX_B1 and V’
from RX_R1. If they match,
continues with authentication;
otherwise, retries up to two
more times.
—
—
—
16
Searches for each KSV in the
KSV list and BKSV of RX_R1 in
the Key Revocation list.
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com