Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 1 Page - Maxim Integrated Products

  48SWTQFN-EP Datasheet HTML 1Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 2Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 3Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 4Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 5Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
General Description
The MAX9288/MAX9290 gigabit multimedia serial link
(GMSL) deserializers receive data from a GMSL serializer
over 50Ω coax or 100Ω shielded twisted-pair (STP) cable
and output deserialized data on the CSI-2 outputs.
The MAX9290 has HDCP content protection but other-
wise is the same as the MAX9288. The deserializers pair
with any GMSL serializer capable of coax output. When
programmed for STP input, they are backward compatible
with any GMSL serializer.
The audio channel supports L-PCM I2S stereo and up to
eight channels of L-PCM in TDM mode. Sample rates of
32kHz to 192kHz are supported with sample depth up to
32 bits.
The embedded control channel operates at 9.6kbps
to 1Mbps in UART-to-UART and UART-to-I2C modes,
and up to 1Mbps in I2C-to-I2C mode. Using the control
channel, a µC can program serializer, deserializer, and
peripheral device registers at any time, independent of
video timing, and manage HDCP operation (MAX9290).
Two GPIO ports are included, allowing display power-
up and switching of the backlight, among other uses. A
continuously sampled GPI input supports touch-screen
controller interrupt requests in display applications.
For use with longer cables, the deserializers have a pro-
grammable cable equalizer. The serial input meets ISO
10605 and IEC 61000-4-2 ESD standards. The GMSL
supply is 3.0V to 3.6V, the MIPI CSI-2 supply is 1.7V to
1.9V, and the I/O supply is 1.7V to 3.6V.
The devices are available in lead(Pb)-free, 48-pin, 7mm
x 7mm TQFN and SWTQFN packages with exposed pad
and 0.5mm lead pitch.
Applications
● High-Resolution Automotive Navigation
● Rear-Seat Infotainment
● Megapixel Camera Systems
Benefits and Features
● Ideal for High-Definition Video Applications
• 4-Lane CSI-2 Output with Up to 1Gbps Per Lane
• Works with Low-Cost 50Ω Coax Cable and FAKRA
Connectors or 100Ω STP
• 104MHz High-Bandwidth Mode Supports
1920 x 720p/60Hz Display with 24-Bit Color
• Equalization Allows 15m Cable at Full Speed
• Up to 192kHz Sample Rate and 32-Bit Sample
Depth For 7.1 Channel HD Audio
• Audio Clock from Audio Source or Audio Sink
• Color Lookup Table for Gamma Correction
• CNTL0–CNTL3 Control Outputs for HDMI/MHL
● Multiple Data Rates for System Flexibility
• Up to 3.12Gbps Serial-Bit Rate
• 6.25MHz to 104MHz Pixel Clock
• 9.6kbps to 1Mbps Control Channel in UART, Mixed
UART/I2C, or I2C Mode with Clock-Stretch
Capability
● Reduces EMI and Shielding Requirements
• Tracks Spread Spectrum on Input
• High-Immunity Mode for Maximum Control-
Channel Noise Rejection
● Peripheral Features for System Power-Up and
Verification
• Built-In PRBS Tester for BER Testing of the Serial
Link
• Programmable Choice of 8 Default Device
Addresses
• Two Dedicated GPIO Ports
• Dedicated “Up/Down” GPI for Touch-Screen
Interrupt and Other Uses
• Remote/Local Wake-Up from Sleep Mode
● Meets Rigorous Automotive and Industrial
Requirements
• -40°C to +105°C Operating Temperature
• ±8kV Contact and ±12kV Air ISO 10605 and
IEC 61000-4-2 ESD Protection
Ordering Information appears at end of data sheet.
19-6916; Rev 5; 8/19
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
Click
here for production status of specific part numbers.
Simplified Diagram
µC
GMSL
SERIALIZER
MAX9288
MAX9290
VIDEO/AUDIO
I2C
720p
DISPLAY
CSI-2 VIDEO/
AUDIO
I2C
EVALUATION KIT AVAILABLE


Similar Part No. - 48SWTQFN-EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48S12.500 ETC-48S12.500 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
48S12.500EC ETC-48S12.500EC Datasheet
338Kb / 6P
6 Watt EC Single Series DC/DC Converters
48S15.400 ETC-48S15.400 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
48S15.400EC ETC-48S15.400EC Datasheet
338Kb / 6P
6 Watt EC Single Series DC/DC Converters
48S5.1000 ETC-48S5.1000 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
More results

Similar Description - 48SWTQFN-EP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX9278A MAXIM-MAX9278A Datasheet
1Mb / 75P
3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Rev 0; 1/16
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
MAX9291 MAXIM-MAX9291 Datasheet
1Mb / 86P
3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
Rev 3; 2/18
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX9275 MAXIM-MAX9275 Datasheet
2Mb / 69P
3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input
Rev 3; 12/17
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com