Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 90 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 90 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 86Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 90Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 91Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 92Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 93Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 94Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 90
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x06
D7
PRBSTYPE
0
Device uses standard PRBS test.
0
1
Device uses MAX9271/MAX9273-compatible
PRBS test (for use with the MAX9271/
MAX9273 only).
D6
AUTORST
0
Do not automatically reset error registers and
outputs.
0
1
Automatically reset DECERR register 1µs after
ERR
asserts.
D5
DISGPI
0
Enable GPI-to-GPO signal transmission to
serializer.
0
1
Disable GPI-to-GPO signal transmission to
serializer.
D4
GPIIN
0
GPI input is low.
0
(Read only)
1
GPI input is high.
D3
GPIO1OUT
0
Set GPIO1 to low.
1
1
Set GPIO1 to high.
D2
GPIO1IN
0
GPIO1 input is low.
0
(Read only)
1
GPIO1 input is high.
D1
GPIO0OUT
0
Set GPIO0 to low.
1
1
Set GPIO0 to high.
D0
GPIO0IN
0
GPIO0 input is low.
0
(Read only)
1
GPIO0 input is high.
0x07
D[7:0]
—
01010100
Reserved
01010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com