Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 24Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 25Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 26Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 27Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 28Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 29Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 30Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 27
Detailed Description
The MAX9288/MAX9290 deserializers, when paired with
the MAX9275/MAX9277/MAX9279/MAX9281 serializ-
ers, provide the full set of operating features, but are
backward-compatible with the MAX9249–MAX9270 fam-
ily of gigabit multimedia serial link (GMSL) devices, and
have basic functionality when paired with any GMSL
device. The MAX9290 has high-bandwidth digital content
protection (HDCP), while the MAX9288 does not.
Each deserializer has a maximum serial-bit rate of
3.12Gbps for up to 15m of cable and operates up to a
maximum output clock of 104MHz in 24-bit mode and
27-bit high-bandwidth mode, or 78MHz in 32-bit mode.
This bit rate and output flexibility support a wide range
of displays, from QVGA (320 x 240) to 1920 x 720 and
higher with 24-bit color, as well as megapixel image sen-
sors. An encoded audio channel supports L-PCM I2S
stereo and up to eight channels of L-PCM in TDM mode.
Sample rates of 32kHz to 192kHz are supported with
sample depth from 8 to 32 bits. Input equalization, com-
bined with GMSL serializer pre/deemphasis, extends the
cable length and enhances link reliability.
The control channel enables a µC to program the serial-
izer and deserializer registers and program registers on
peripherals. The control channel is also used to perform
HDCP functions (MAX9290 only). The µC can be located
at either end of the link, or when using two µCs, at both
ends. Two modes of control-channel operation are avail-
able. Base mode uses either I2C or GMSL UART protocol,
while bypass mode uses a user-defined UART protocol.
UART protocol allows full-duplex communication, while
I2C allows half-duplex communication.
The serial input complies with ISO 10605 and IEC 61000-
4-2 ESD protection standards.
Register Mapping
Registers set the operating conditions of the deserial-
izers and are programmed using the control channel
in base mode. The MAX9288/MAX9290 holds its own
device address and the device address of the serial-
izer it is paired with. Similarly, the serializer holds its
own device address and the address of the MAX9288/
MAX9290. Whenever a device address is changed, be
sure to write the new address to both devices. The default
device address of the deserializer is set by the ADD_ and
CX/TP inputs (Table 1). Registers 0x00 and 0x01 in both
devices hold the device addresses.
Figure 13. MIPI Output Timing Parameters
CLK+/-
DOUT_+/-
VIL(max)
VIH(min)
VIDTH(max)
CAPTURE 1ST DATA BIT
tLPTX
tHS-PREPARE
tHS-ZERO
tHS-SYNC
LP-11
LP-01
LP-00
tD-TERM-EN
tHS-SETTLE
LP-11
tHS-SKIP
tREOT
tEOT
tHS-TRAIL
tHS-EXIT
DISCONNECT TERMINATOR
VTERM-EN(max)
CLK+/-
VIL(max)
VIDTH(max)
tLPTX
tCLK-PREPARE
tCLK-ZERO
LP-11
LP-01
LP-00
TD-TERM-EN
tHS-SETTLE
VTERM-EN(max)
NOTE: THE CSI
CLOCK RUNS IN
CONTINUOUS
MODE ONLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com