Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 73 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 73 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 73
High-Bandwidth Digital Content
Protection (HDCP)
Note: The explanation of HDCP operation in this data
sheet is provided as a guide for general understanding.
Implementation of HDCP in a product must meet the
requirements given in the HDCP System v1.3 Amendment
for GMSL, which is available from DCP.
HDCP has two main phases of operation, authentication
and the link integrity check. The µC starts authentica-
tion by writing to the START_AUTHENTICATION bit in
the GMSL serializer. The GMSL serializer generates a
64-bit random number. The host µC first reads the 64-bit
random number from the GMSL serializer and writes it
to the deserializer. The µC then reads the GMSL serial-
izer public key selection vector (AKSV) and writes it to
the deserializer. The µC then reads the deserializer KSV
(BKSV) and writes it to the GMSL serializer. The µC
begins checking BKSV against the revocation list. Using
the cipher, the GMSL serializer and deserializer calculate
a 16-bit response value, R0 and R0’, respectively. The
GMSL amendment for HDCP reduces the 100ms mini-
mum wait time allowed for the receiver to generate R0’
(specified in HDCP rev 1.3) to 128 pixel clock cycles in
the GMSL amendment.
There are two response-value comparison modes, internal
comparison and µC comparison. Set EN_INT_COMP = 1
to select internal comparison mode. Set EN_INT_COMP
= 0 to select µC comparison mode. In internal compari-
son mode, the µC reads the deserializer response R0’
and writes it to the GMSL serializer. The GMSL serializer
compares R0’ to its internally generated response value
R0, and sets R0_RI_MATCHED. In µC comparison mode,
the µC reads and compares the R0/R0’ values from the
GMSL serializer/deserializer.
During response-value generation and comparison, the
host µC checks for a valid BKSV (having 20 1s and 20
0s is also reported in BKSV_INVALID) and checks BKSV
against the revocation list. If BKSV is not on the list and
the response values match, the host authenticates the
link. If the response values do not match, the µC resam-
ples the response values (as described in HDCP rev 1.3,
Appendix C). If resampling fails, the µC restarts authen-
tication by setting the RESET_HDCP bit in the GMSL
serializer. If BKSV appears on the revocation list, the host
cannot transmit data that requires protection. The host
knows when the link is authenticated and decides when
to output data requiring protection. The µC performs a link
integrity check every 128 frames or every 2s ±0.5s. The
GMSL serializer/deserializer generate response values
every 128 frames. These values are compared internally
(internal comparison mode) or can be compared in the
host µC.
In addition, the GMSL serializer/deserializer provide
response values for the enhanced link verification.
Enhanced link verification is an optional method of link
verification for faster detection of loss-of-synchronization.
For this option, the GMSL serializer and deserializer
generate 8-bit enhanced link-verification response values
(PJ and PJ’) every 16 frames. The host must detect three
consecutive PJ/PJ’ mismatches before resampling.
Encryption Enable
The GMSL link transfers either encrypted or nonen-
crypted data. To encrypt data, the host µC sets the
encryption enable (ENCRYPTION_ENABLE) bit in both
the GMSL serializer and deserializer. The µC must set
ENCRYPTION_ENABLE in the same VSYNC cycle in
both the GMSL serializer and deserializer (no internal
VSYNC falling edges between the two writes). The same
timing applies when clearing ENCRYPTION_ENABLE to
disable encryption.
Note: ENCRYPTION_ENABLE enables/disables encryp-
tion on the GMSL irrespective of the content. To comply
with HDCP, the µC must not allow content requiring
encryption to cross the GMSL unencrypted.
The µC must complete the authentication process before
enabling encryption. In addition, encryption must be dis-
abled before starting a new authentication session.
Synchronization of Encryption
The video vertical sync (VSYNC) synchronizes the start
of encryption. Once encryption has started, the GMSL
generates a new encryption key for each frame and each
line, with the internal falling edge of VSYNC and HSYNC.
Rekeying is transparent to data and does not disrupt the
encryption of video or audio data.
Repeater Support
The GMSL serializer/deserializer include features to build
an HDCP repeater. An HDCP repeater receives and
decrypts HDCP content and then encrypts and transmits
on one or more downstream links. A repeater can also use
decrypted HDCP content (e.g., to display on a screen).
To support HDCP repeater-authentication protocol, the
deserializer has a REPEATER register bit. This register
bit must be set to 1 by a µC (most likely on the repeater
module). Both the GMSL serializer and deserializer use
SHA-1 hash-value calculation over the assembled KSV
lists. HDCP GMSL links support a maximum of 15 receiv-
ers (total number including the ones in repeater modules).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com