Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 86 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 86 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 84Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 85Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 86Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 90Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 86
Table 22. Line-Fault Mapping
Table 23. Additional Supply Current from HDCP (MAX9290 Only)
Table 24. Suggested Connectors and Cables for GMSL
REGISTER
ADDRESS
BITS
NAME
VALUE
LINE-FAULT TYPE
0x76
D[3:2]
LFNEG
00
Negative cable wire shorted to supply voltage
01
Negative cable wire shorted to ground
10
Normal operation
11
Negative cable wire disconnected
D[1:0]
LFPOS
00
Positive cable wire shorted to supply voltage
01
Positive cable wire shorted to ground
10
Normal operation
11
Positive cable wire disconnected
PIXEL CLOCK
(MHz)
MAXIMUM HDCP CURRENT
(mA)
16.6
6
33.3
9
36.6
9
66.6
12
104
18
VENDOR
CONNECTOR
CABLE
TYPE
Rosenberger
59S2AX-400A5-Y
Dacar 302
Coax
Rosenberger
D4S10A-40ML5-Z
Dacar 535-2
STP
Nissei
GT11L-2S
F-2WME AWG28
STP
JAE
MX38-FF
A-BW-Lxxxxx
STP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com