Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 5Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = VIOVDD = 3.3V, TA = +25°C.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 9
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
IOS
VO = 0V,
DCS = 0
VIOVDD = 3.0V to 3.6V
15
25
39
mA
VIOVDD = 1.7V to 1.9V
3
7
15
VO = 0V,
DCS = 1
VIOVDD = 3.0V to 3.6V
20
35
63
VIOVDD = 1.7V to 1.9V
5
10
21
MIPI HIGH-SPEED DIFFERENTIAL OUTPUT PORTS (DOUT0–DOUT3_, CLK_) (Note 3)
Transmit Static Common-Mode
Voltage
VCMTX
150
200
250
mV
VCMTX Mismatch When Output
is Differential 1 or 0
|ΔVCMT(1,0)|
5
mV
Transmit Differential Voltage
|VOD|
140
200
270
mV
VOD Mismatch When Output is
Differential 1 or 0
|ΔVOD|
14
mV
Output High Voltage
VOHHS
360
mV
Single-Ended Output Impedance
ZOS
40
50
62.5
Ω
Single-Ended Output
Impedance Mismatch
ΔZOS
Mismatch of the single-ended output
impedance at both DOUT_+ and DOUT_-
pins for both differential 1 and 0
10
%
MIPI LOW-SPEED SINGLE-ENDED OUTPUT PORTS (DOUT0–DOUT3_, CLK_)
Thevenin Output High Level
VOH
1.05
1.2
1.3
V
Thevenin Output Low Level
VOL
-50
+50
mV
Output Impedance of Low
Power Transmitter
ZOLP
110
Ω
OPEN-DRAIN INPUT/OUTPUT (GPIO0, GPIO1, RX/SDA, TX/SCL, ERR, LOCK, LFLT)
High-Level Input Voltage
VIH2
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL2
0.3 x
VIOVDD
V
Input Current
IIN2
(Note 5)
RX/SDA, TX/SCL
-100
+5
µA
LOCK, ERR, GPIO_,
LFLT
-80
+5
Low-Level Output Voltage
VOL2
IOUT = 3mA
VIOVDD = 1.7V to 1.9V
0.4
V
VIOVDD = 3.0V to 3.6V
0.3
Input Capacitance
CIN
Each pin (Note 6)
10
pF
LINE-FAULT DETECTION INPUT (LMN0, LMN1)
Short-to-GND Threshold
VTG
Figure 1
0.3
V
Normal Threshold
VTN
Figure 1
0.57
1.07
V
Open Threshold
VTO
Figure 1
1.45
VIO + 0.06
V
Open Input Voltage
VIO
Figure 1
1.49
1.75
V
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com