Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 25Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 26Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 27Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 28Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 29Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 30Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 31Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 32Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 29
Figure 14. 24-Bit Mode Serial Data Format
Figure 15. 32-Bit Mode Serial Data Format
PACKET
PARITY CHECK
BIT
ACB
FCC
PCB
D0
D1
HS
VS
DE
D20
D19
D18
D17
DE/VS/HS MUST BE SET AT DOUT[20:18]
MAX9290 NOTE: ONLY DOUT[17:0] AND AUDIO HAVE HDCP ENCRYPTION.
VIDEO DATA (TO
CSI-2)
CONTROL BITS
(TO CSI-2)
DOUT0 DOUT1
DOUT17 DOUT18/
HS
DOUT19/
VS
DOUT20/
DE
SERIAL DATA
INTERNAL
PARALLEL BIT
WS
SCK
SD
RX/
SDA
TX/SCL
AUDIO DECODE
I2S/TDM
AUDIO
UART/I2C
FORWARD
CONTROL-
CHANNEL BIT
24 BITS
DE/VS/HS MUST BE SET AT DOUT[20:18].
MAX9290 NOTE: ONLY DOUT[17:0], DOUT[26:21], AND AUDIO HAVE HDCP ENCRYPTION.
D23
32 BITS
PACKET
PARITY
CHECK BIT
D24
D25
D26
D27
D28
ACB
FCC
PCB
D0
D1
HS
VS
DE
D22
D21
D20
D19
D18
D17
VIDEO DATA
(TO CSI-2)
CONTROL BITS
(TO CSI-2)
VIDEO DATA
(TO CSI-2)
AUX CONTROL
BITS
DOUT
0
DOUT
1
DOUT
17
DOUT
18/HS
DOUT
19/VS
DOUT
20/DE
DOUT
21
DOUT
22
DOUT
23
DOUT
24
DOUT
25
DOUT
26
CNTL1 CNTL2
SERIAL
DATA
INTERNAL
PARALLEL
BIT
WS
SCK
SD
RX/
SDA
TX/
SCL
AUDIO DECODE
I2S/TDM
AUDIO
UART/I2C
FORWARD
CONTROL-
CHANNEL BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com