Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 61 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 61 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 57Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 58Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 59Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 60Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 61Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 62Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 64Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 61
As shown in Figure 45, the remote-side device converts
packets going to or coming from the peripherals from
UART format to I2C format and vice versa. The remote
device removes the byte number count and adds or
receives the ACK between the data bytes of I2C. The I2C
bit rate is the same as the UART bit rate.
Interfacing Command-Byte-Only I2C Devices
with UART
The deserializers’ UART-to-I2C conversion can interface
with devices that do not require register addresses, such
as the MAX7324 GPIO expander. In this mode, the I2C
master ignores the register address byte and directly reads/
writes the subsequent data bytes (Figure 46). Change
the communication method of the I2C master using the
I2CMETHOD bit. I2CMETHOD = 1 sets command-byte-
only mode, while I2CMETHOD = 0 sets normal mode where
the first byte in the data stream is the register address.
UART Bypass Mode
In bypass mode, the deserializers ignore UART commands
from the µC and the µC communicates with the peripher-
als directly using its own defined UART protocol. The µC
cannot access the serializer/deserializer’s registers in this
mode. Peripherals accessed through the forward control
channel using the UART interface need to handle at least
one pixel clock period ±10ns of jitter due to the asynchro-
nous sampling of the UART signal by pixel clock. Set MS =
high in the serializer to put the control channel into bypass
mode. For applications with the µC connected to the dese-
rializer, set the MS pin on the deserializer. There is a 1ms
wait time between switching MS and the bypass control
channel being active; do not send a UART command
during this time. There is no delay time when switching
to bypass mode when the µC is connected to the serial-
izer. Although MS on either the serializer or deserializer
sets the control-channel byass mode, only the local-side
device (connected to the µC) should be used set bypass
mode, Do not switch MS while a UART command is being
sent. Do not send a logic-low value longer than 100µs to
ensure proper GPO functionality. Bypass mode accepts
bit rates down to 10kbps in either direction. See the
GPO/GPI Control section for GPI functionality limitations.
The control-channel data pattern should not be held low
longer than 100µs if GPI control is used.
Figure 45. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 0)
11
SYNC FRAME
REGISTER ADDRESS NUMBER OF BYTES
DEVICE ID + WR
DATA 0
DEV ID
A
11
11
11
11
DATA N
11
11
S
1
1
1
ACK FRAME
7
: MASTER TO SLAVE
8
SERIALIZER/DESERIALIZER
PERIPHERAL
W
1
REG ADDR
8
A
1
1
8
1
11
SYNC FRAME
REGISTER ADDRESS NUMBER OF BYTES
DEVICE ID + RD
11
11
11
11
ACK FRAME
DATA 0
11
DATA N
11
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 0)
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 0)
S: START
P: STOP
A: ACKNOWLEDGE
: SLAVE TO MASTER
DATA 0
A
DATA N
A P
DEV ID
A
S
1
1
7
W
1
DEV ID
A
S
1
1
7
R
1
DATA N
P
1
8
A
1
DATA 0
8
A
1
REG ADDR
8
A
1
µC
SERIALIZER/DESERIALIZER
µC
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
PERIPHERAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com