Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 53Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 54Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 55Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 56Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 57Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 54
Table 7. Output CSI-2 Data Rate Range (Mbps)
GMSL
BIT
WIDTH
CSI-2 OUTPUT
MODES
NUMBER OF
CSI-2 LANES
DRS LOW
DRS HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
8
RAW8
(Single Load)
YUV422 8b Muxed
1
133.3 to
832
293.3 to
832
100 to
624
80 to
133.3
146.7 to
293.3
80 to 100
2
80 to 416
146.7 to
832
80 to 312
Do Not
Use
80 to
146.7
Do Not
Use
3
80 to
277.3
97.78 to
277.3
80 to 208
Do Not
Use
80 to
97.76
Do Not
Use
4
80 to 208
80 to 208
80 to 156
Do Not
Use
Do Not
Use
Do Not
Use
10
RAW10
(Single Load)
YUV422 10b Muxed
1
166.7 to
1000
366.7 to
1000
125 to
780
83.33 to
166.7
183.3 to
366.7
80 to 125
2
83.33 to
520
183.3 to
520
80 to 390
80 to
83.33
91.67 to
183.3
Do Not
Use
3
80 to
346.7
122.22 to
346.7
80 to 260
Do Not
Use
80 to
122.2
Do Not
Use
4
80 to 260
91.67 to
260
80 to 195
Do Not
Use
80 to
91.67
Do Not
Use
12
RAW12
(Single Load)
1
200 to
1000
440 to
1000
150 to
936
100 to 200 220 to 440 80 to 150
2
100 to 624 220 to 624 80 to 468
80 to 100
110 to 220
Do Not
Use
3
80 to 416
147 to 416 80 to 312
Do Not
Use
80 to 147
Do Not
Use
4
80 to 312
147 to 312 80 to 234
Do Not
Use
80 to 110
Do Not
Use
14
RAW14
(Single Load)
1
233.3 to
1000
513.3 to
1000
175 to
1000
116.7 to
233.3
256.7 to
513.3
87.5 to
175
2
116.7 to
728
256.7 to
1728
87.5 to
546
80 to
116.7
128.3 to
256.7
80 to
87.5
3
80 to
485.3
171.1 to
485.3
80 to 364
Do Not
Use
80 to
171.1
Do Not
Use
4
80 to 364
80 to 364
80 to 273
Do Not
Use
80 to
128.3
Do Not
Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com