Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 83 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 84Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 85Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 86Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 83
Auto Error Reset
The default method to reset errors is to read the respec-
tive error registers in the deserializers (0x0D and 0x0E).
Auto error reset clears the error counters DECERR and
the ERR output ~1µs after ERR goes low. Auto error reset
is disabled on power-up. Enable auto error reset through
AUTORST (0x06, D5). Auto error reset does not run when
the device is in PRBS test mode.
Dual µC Control
Usually systems have one microcontroller to run the
control channel, located on the serializer side for display
applications or on the deserializer side for image-sensing
applications. However, a µC can reside on each side
simultaneously and trade off running the control channel.
In this case, each µC can communicate with the serializer
and deserializer and any peripheral devices.
Contention occurs if both µCs attempt to use the control
channel at the same time. It is up to the user to
prevent this contention by implementing a higher level
protocol. In addition, the control channel does not provide
arbitration between I2C masters on both sides of the
link. An acknowledge frame is not generated when
communication fails due to contention. If communication
across the serial link is not required, the µCs can disable
the forward and reverse control channel using the
FWDCCEN and REVCCEN bits (0x04, D[1:0]) in the
serializer/deserializer. Communication across the serial
link is stopped and contention between µCs cannot occur.
As an example of dual µC use in an image-sensing appli-
cation, the serializer can be in sleep mode and waiting
for wake-up by µC on the deserializer side. After wake-
up, the serializer-side µC assumes master control of the
serializer’s registers.
Changing the Clock Frequency
It is recommended that the serial link be enabled after the
video clock (fpixel) and the control-channel clock (fUART/
fI2C) are stable. When changing the clock frequency,
stop the video clock for 5µs, apply the clock at the new
frequency, then restart the serial link or toggle SEREN.
On-the-fly changes in clock frequency are possible if
the new frequency is immediately stable and without
glitches. The reverse control channel remains unavailable
for 500µs after serial link start or stop. When using the
UART interface, limit on-the-fly changes in fUART to
factors of less than 3.5 at a time to ensure that the device
recognizes the UART sync pattern. For example, when
lowering the UART frequency from 1Mbps to 100kbps,
first send data at 333kbps then at 100kbps for reduction
ratios of 3 and 3.333, respectively.
Spread-Spectrum Clock Tracking
Using a spread-spectrum clock source can reduce EMI/
EMC on the serial and MIPI data. The deserializer can
track a spread-spectrum signal from the serializer. Use
a spread < ±1% for CSI-2 output rates ≤ 400MHz. Use a
spread < ±0.5% for CSI-2 output rates > 400MHz.
Fast Detection of Loss-of-Synchronization
A measure of link quality is the recovery time from loss-
of-synchronization. The host can be quickly notified of
loss-of-lock by connecting the deserializer’s LOCK out-
put to the GPI input. If other sources use the GPI input,
such as a touch-screen controller, the µC can implement
a routine to distinguish between interrupts from loss-
of-sync and normal interrupts. Reverse control-channel
communication does not require an active forward link
to operate and accurately tracks the LOCK status of the
GMSL link. LOCK asserts for video link only and not for
the configuration link.
Providing a Frame Sync (Camera
Applications)
The GPI/GPO provide a simple solution for camera
applications that require a frame sync signal from the
ECU (e.g., surround-view systems). Connect the ECU
frame sync signal to the GPI input, and connect GPO
output to the camera frame sync input. GPI/GPO has
a typical delay of 275µs. Skew between multiple GPI/
GPO channels is typically 115µs. If a lower skew signal is
required, connect the camera’s frame sync input to one of
the deserializer’s GPIOs and use an I2C broadcast write
command to change the GPIO output state. This has a
maximum skew of 1.5µs, independent from the used I2C
bit rate.
Software Programming of the Device
Addresses
The serializers and deserializers have programmable
device addresses. This allows multiple GMSL devices,
along with I2C peripherals, to coexist on the same control
channel. The serializer device address is in register 0x00
of each device, while the deserializer device address is in
register 0x01 of each device. To change a device address,
first write to the device whose address changes (register
0x00 of the serializer for serializer device address change,
or register 0x01 of the deserializer for deserializer device
address change). Then write the same address into the
corresponding register on the other device (register 0x00
of the deserializer for serializer device address change,
or register 0x01 of the serializer for deserializer device
address change).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com