Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 3Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 4Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 5Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 7
LIST OF TABLES
Table 1. Device Address Defaults (Register 0x00, 0x01) .............................................. 28
Table 2 Video Output Map (RGB and YUV) ........................................................ 48
Table 3. Video Output Map (RAW and User Defined) ................................................ 49
Table 4. Control Output Map ............................................................... ..... 51
Table 5. GMSL Data-Rate Selection Table ......................................................... 51
Table 6. Input Pixel Clock Range (MHz) ........................................................... 51
Table 7. Output CSI-2 Data Rate Range (Mbps) ..................................................... 54
Table 8. Maximum Audio WS Frequency (kHz) for Various Pixel Clock Frequencies......................... 56
Table 9. fSRC Settings ............................................................... ......... 59
Table 10. I2C Bit-Rate Ranges............................................................... .... 66
Table 11. Cable Equalizer Boost Levels............................................................ 67
Table 12. Configuration Input Map............................................................... . 69
Table 13. Pixel Data Format............................................................... ...... 69
Table 14. Reverse Control-Channel Modes......................................................... 71
Table 15. Fast High-Immunity Mode Requirements................................................... 71
Table 16. Startup Procedure for Image-Sensing Applications (CDS = High, Figure 58) ...................... 72
Table 17. Startup, HDCP Authentication, and Normal Operation (Deserializer is Not a Repeater)—First
Part of the HDCP Authentication Protocol ........................................................74
Table 18. Link Integrity Check (Normal)—Performed Every 128 Frames After Encryption is Enabled ........... 76
Table 19. Optional Enhanced Link Integrity Check—Performed Every 16 Frames After Encryption is Enabled .... 77
Table 20. HDCP Authentication and Normal Operation (One Repeater, Two µCs)—First and Second
Parts of the HDCP Authentication Protocol ...................................................... 79
Table 21. MAX9288/MAX9290 Feature Compatibility ................................................. 84
Table 22. Line-Fault Mapping ............................................................... .... 86
Table 23. Additional Supply Current from HDCP (MAX9290 Only)....................................... 86
Table 24. Suggested Connectors and Cables for GMSL............................................... 86
Table 25. Register Table ............................................................... ........ 88
Table 26. HDCP Register Table (MAX9290 Only)................................................... 100
Table 26. HDCP Register Table (MAX9290 Only)................................................... 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com