Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 59Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 60Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 61Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 62Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 64Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 63
START and STOP Conditions
Both SCL and SDA remain high when the interface is not
busy. A master signals the beginning of a transmission
with a START (S) condition by transitioning SDA from high
to low while SCL is high (see Figure 47). When the mas-
ter has finished communicating with the slave, it issues
a STOP (P) condition by transitioning SDA from low to
high while SCL is high. The bus is then free for another
transmission.
Bit Transfer
One data bit is transferred during each clock pulse
(Figure 48). The data on SDA must remain stable while
SCL is high.
Acknowledge
The acknowledge bit is a clocked 9th bit that the recipient
uses to handshake receipt of each byte of data (Figure 49).
Thus, each byte transferred effectively requires 9 bits.
The master generates the 9th clock pulse, and the recipi-
ent pulls down SDA during the acknowledge clock pulse.
The SDA line is stable low during the high period of the
clock pulse. When the master is transmitting to the slave
device, the slave device generates the acknowledge bit
because the slave device is the recipient. When the slave
device is transmitting to the master, the master generates
the acknowledge bit because the master is the recipient.
The device generates an acknowledge even when the
forward control channel is not active. To prevent acknowl-
edge generation when the forward control channel is not
active, set the I2CLOCACK bit low.
Figure 47. START and STOP Conditions
Figure 48. Bit Transfer
SDA
SCL
START
CONDITION
STOP
CONDITION
S
P
SDA
SCL
DATA LINE STABLE;
DATA VALID
CHANGE OF DATA
ALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com