Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 79
Table 20. HDCP Authentication and Normal Operation (One Repeater, Two µCs)—First
and Second Parts of the HDCP Authentication Protocol
NO.
µC_B
µC_R
HDCP GMSL
SERIALIZER
(TX_B1, TX_R1,
TX_R2)
HDCP GMSL
DESERIALIZER
(RX_R1, RX_D1,
RX_D2)
TX_B1 CDS = 0
TX_R1 CDS = 0
TX_R2 CDS = 0
RX_R1 CDS = 1
RX_D1 CDS = 0
RX_D2 CDS = 0
1
Initial state after power-up.
Initial state after power-up.
All: Power-up waiting for
HDCP authentication.
All: Power-up waiting for
HDCP authentication.
2
—
Writes REPEATER = 1 in
RX_R1. Retries until proper
acknowledge frame received.
Note: This step must be
completed before the first part
of authentication is started
between TX_B1 and RX_R1 by
the µC_B (step 7). For example,
to satisfy this requirement,
RX_R1 can be held at power-
down until µC_R is ready to
write the REPEATER bit, or
µC_B can poll µC_R before
starting authentication.
—
—
3
Makes sure that A/V data
not requiring protection (low-
value content) is available at
the TX_B1 inputs (such as
blue or informative screen).
Alternatively, the FORCE_
VIDEO and FORCE_AUDIO
bits of TX_B1 can be used to
mask A/V data input of TX_B1.
Starts the link between TX_B1
and RX_R1 by writing SEREN
= H to TX_B1, or link starts
automatically if serializer’s
AUTOS
is low.
—
TX_B1: Starts
serialization and
transmits low-value
content A/V data.
RX_R1: Locks to
incoming data stream
and outputs low-value
content A/V data.
4
—
Starts all downstream links
by writing SEREN = H to
TX_R1, TX_R2, or links start
automatically if AUTOS of
transmitters are low.
TX_R1, TX_R2: Starts
serialization and
transmits low-value
content A/V data.
RX_D1, RX_D2: Locks
to incoming data stream
and outputs low-value
content A/V data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com