Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 44Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 45Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 46Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 47Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 48Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 49Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 48
Auto Pixel-Per-Line Feature
For proper operation, the device requires the information of
number of pixels in DE high period. Program the pixel count
into registers 0x61 and 0x62. Alternatively, the device can
automatically count the number of pixels in DE high period.
Setting the AUTOPPL bit high enables this function. In this
mode, the device counts the number of pixels in every DE
high period and compares the result with the number of
pixels in the previous DE high period. If both numbers are
within ±4 pixels of each other, the deserializer accepts
this count as valid count and uses the number to pack-
etize the video data. An AUTOPPL error is issued only
when the current pixel count does not match the previous
pixel count. An invalid count (±5 or more pixels) stops the
packet transmission and issues an AUTOPPL error. This
allows the device to tolerate some noise while alerting the
user of an error.
Table 2 Video Output Map (RGB and YUV)
1. Refer to the GMSL serializer data sheet for details.
2. YUV defaults to muxed input mode (Cb, Y0, Cr, Y1). Set INPUTBW = 1 to use normal input mode (CBY0, CrY1).
3. Data type available when BWS = high or open, only.
*VESA/oLDI bits are mapped to MIPI according to OLDI bit (D4 or register 0x60). Set oLDI bit low when using VESA input or high
when using an oLDI input. oLDI defines bits [5:0] as MSB and bits [6:7] as LSB.
**12-bit YUV422 sent using CSI-2 user-defined data type (0x30). The output byte sequence is CB[11:4], Y0[11:4], [CB[3:0], Y0[3:0]],
CR[11:4], Y1[11:4], [CR[3:0], and Y1[3:0]].
GMSL
INPUT
BITS1
RGB
YUV4222
666
565
8883*
8-BIT
MUXED
10-BIT
MUXED
8-BIT
10-BIT3
12-BIT3**
DIN0
R0
R0
R0
Y/Cb/Cr0
Y/Cb/Cr0
Cb/Cr0
Cb/Cr0
Cb/Cr0
DIN1
R1
R1
R1
Y/Cb/Cr1
Y/Cb/Cr1
Cb/Cr1
Cb/Cr1
Cb/Cr1
DIN2
R2
R2
R2
Y/Cb/Cr2
Y/Cb/Cr2
Cb/Cr2
Cb/Cr2
Cb/Cr2
DIN3
R3
R3
R3
Y/Cb/Cr3
Y/Cb/Cr3
Cb/Cr3
Cb/Cr3
Cb/Cr3
DIN4
R4
R4
R4
Y/Cb/Cr4
Y/Cb/Cr4
Cb/Cr4
Cb/Cr4
Cb/Cr4
DIN5
R5
G0
R5
Y/Cb/Cr5
Y/Cb/Cr5
Cb/Cr5
Cb/Cr5
Cb/Cr5
DIN6
G0
G1
G0
Y/Cb/Cr6
Y/Cb/Cr6
Cb/Cr6
Cb/Cr6
Cb/Cr6
DIN7
G1
G2
G1
Y/Cb/Cr7
Y/Cb/Cr7
Cb/Cr7
Cb/Cr7
Cb/Cr7
DIN8
G2
G3
G2
—
Y/Cb/Cr8
Y0
Cb/Cr8
Cb/Cr8
DIN9
G3
G4
G3
—
Y/Cb/Cr9
Y1
Cb/Cr9
Cb/Cr9
DIN10
G4
G5
G4
—
—
Y2
Y0
Cb/Cr10
DIN11
G5
B0
G5
—
—
Y3
Y1
Cb/Cr11
DIN12
B0
B1
B0
—
—
Y4
Y2
Y0
DIN13
B1
B2
B1
—
—
Y5
Y3
Y1
DIN14
B2
B3
B2
—
—
Y6
Y4
Y2
DIN15
B3
B4
B3
—
—
Y7
Y5
Y3
DIN16
B4
—
B4
—
—
—
Y6
Y4
DIN17
B5
—
B5
—
—
—
Y7
Y5
DIN18
HS
HS
HS
HS
HS
HS
HS
HS
DIN19
VS
VS
VS
VS
VS
VS
VS
VS
DIN20
DE
DE
DE
DE
DE
DE
DE
DE
DIN21
—
—
R6
—
—
—
Y8
Y6
DIN22
—
—
R7
—
—
—
Y9
Y7
DIN23
—
—
G6
—
—
—
—
Y8
DIN24
—
—
G7
—
—
—
—
Y9
DIN25
—
—
B6
—
—
—
—
Y10
DIN26
—
—
B7
—
—
—
—
Y11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com