Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 80 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 80 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 84Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 80
Table 20. HDCP Authentication and Normal Operation (One Repeater, Two µCs)—First
and Second Parts of the HDCP Authentication Protocol (continued)
NO.
µC_B
µC_R
HDCP GMSL
SERIALIZER
(TX_B1, TX_R1,
TX_R2)
HDCP GMSL
DESERIALIZER
(RX_R1, RX_D1,
RX_D2)
TX_B1 CDS = 0
TX_R1 CDS = 0
TX_R2 CDS = 0
RX_R1 CDS = 1
RX_D1 CDS = 0
RX_D2 CDS = 0
5
Reads the locked bit of RX_R1
and makes sure the link
between TX_B1 and RX_R1 is
established.
Reads the locked bit of RX_D1
and makes sure the link
between TX_R1 and RX_D1 is
established. Reads the locked
bit of RX_D2 and makes sure
the link between TX_R2 and
RX_D2 is established.
—
—
6
Optionally, writes a random
number seed to TX_B1.
Writes 1 to the
GPIO_0_FUNCTION and
GPIO_1_FUNCTION bits
in RX_R1 to change GPIO
functionality used for HDCP
purpose. Optionally, writes a
random-number seed to TX_R1
and TX_R2.
—
—
7
Starts and completes the
first part of the authentication
protocol between TX_B1, RX_R1
(see steps 6–10 in Table 17).
—
TX_B1: According
to commands from
µC_B, generates AN,
computes R0.
RX_R1: According to
commands from µC_B,
computes R0’.
8
—
When GPIO_1 = 1 is detected,
starts and completes the first part
of the authentication protocol
between the (TX_R1, RX_D1)
and (TX_R2, RX_D2) links (see
steps 6–10 in Table 17).
TX_R1, TX_R2:
According to commands
from µC_R, generates
AN, computes R0.
RX_D1, RX_D2:
According to commands
from µC_R, computes
R0’.
9
Waits for the VSYNC falling
edge and then enables
encryption on the (TX_B1,
RX_R1) link. Full authentication
is not complete yet so it makes
sure A/V content that needs
protection is not transmitted.
Since REPEATER = 1 was read
from RX_R1, the second part of
authentication is required.
—
TX_B1: Encryption
enabled after next
VSYNC falling edge.
RX_R1: Decryption
enabled after next
VSYNC falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com