Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 85Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 86Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 90Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 91Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 92Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 89
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x05
D7
I2CMETHOD
0
I2C conversion sends the register address
when converting UART-to-I2C.
0
1
Disable sending of I2C register address when
converting UART-to-I2C (command-byte-only
mode).
D[6:5]
HPFTUNE
00
7.5MHz equalizer highpass filter cutoff
frequency.
01
01
3.75MHz equalizer highpass filter cutoff
frequency
10
2.5MHz equalizer highpass filter cutoff
frequency.
11
1.87MHz equalizer highpass filter cutoff
frequency.
D4
PDEQ
0
Enable equalizer.
0
1
Disable equalizer.
D[3:0]
EQTUNE
0000
2.1dB equalizer-boost gain.
0100,1001
0001
2.8dB equalizer-boost gain.
0010
3.4dB equalizer-boost gain.
0011
4.2dB equalizer-boost gain.
0100
5.2dB equalizer-boost gain.
Power-up default
when EQS is high.
0101
6.2dB equalizer-boost gain.
0110
7dB equalizer-boost gain.
0111
8.2dB equalizer-boost gain.
1000
9.4dB equalizer-boost gain.
1001
10.7dB equalizer-boost gain.
Power-up default
when EQS is low.
1010
11.7dB equalizer-boost gain.
1011
13dB equalizer-boost gain.
11XX
Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com