Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 47Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 48Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 49Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 53Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 54Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 51
Table 5. GMSL Data-Rate Selection Table
Table 4. Control Output Map
Note: See the High-Bandwidth Mode section for details on timing requirements.
*Outputs used only when the respective color lookup tables are enabled.
**Not encrypted when HDCP is enabled (MAX9290 only).
Table 6. Input Pixel Clock Range (MHz)
CONTROL OUTPUTS
MODE
24-BIT MODE
(BWS = LOW)
HIGH-BANDWIDTH MODE
(BWS = MID)
32-BIT MODE
(BWS = HIGH)
CNTL0
Not used
Used*
Not used
CNTL1
Not used
Used*
Used**
CNTL2
Not used
Used*
Used**
CNTL3
Not used
Used*
Not used
DRS BIT SETTING
BWS PIN SETTING
PIXEL CLOCK RANGE (MHz)
0 (high data rate)
Low (24-bit mode)
16.66 to 104
Mid (high-bandwidth mode)
36.66 to 104
High (32-bit mode)
12.5 to 78
1 (low data rate)
Low
8.33 to 16.66
Mid
18.33 to 36.66
High
6.25 to 12.5
GMSL BIT
WIDTH
CSI-2 OUTPUT
MODES
NUMBER OF
CSI-2 LANES
DRS LOW
DRS HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
BWS
LOW
BWS
OPEN
BWS
HIGH
8
RAW8
(Single Load)
YUV422 8b Muxed
1
16.67 to
104
36.67 to
104
12.5 to
78
10 to
16.67
18.33 to
36.67
10 to
12.5
2
20 to 104
36.67 to
104
20 to 78
Do not
use
20 to
36.67
Do not
use
3
30 to 104
36.67 to
104
30 to 78
Do not
use
30 to
36.67
Do not
use
4
40 to 104
40 to 104
40 to 78
Do not
use
Do not
use
Do not
use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com