Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 26Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 27Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 28Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 29Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 30Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 31Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 32Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 33Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 30
Figure 16. High-Bandwidth Mode Serial-Data Format
Figure 17. Transmitting a Frame from GMSL to MIPI
D0
SERIAL DATA
D1
27 BITS
INPUT PIN
DOUT
0
DOUT
1
D17
D18
D19
D20
D21
D22
D23
ACB
FCC
PCB
DOUT
17
DOUT
21
DOUT
22
DOUT
23
DOUT
24
DOUT
25
DOUT
26
WS
SCK
SD
RX/
SDA
TX/
SCL
INPUT
SIGNAL
R0
R1
B5
R6
R7
G6
G7
B6
B7
HS
VS
DE
RGB DATA
RGB DATA
I2S/TDM
AUDIO
UART/I2C
VS/HS MUST BE SET AT DOUT[20:18].
MAX9290 NOTE: ONLY DOUT[17:0], DOUT[26:21] AND ACB HAVE HDCP ENCRYPTION.
AUDIO DECODE
FORWARD
CONTROL-
CHANNEL BIT
PACKET
PARITY
CHECK BIT
SPECIAL SERIAL-DATA PACKET
CNTL0/
ADD0
DOUT27/
CNTL1
DOUT28/
CNTL2
CNTL3
ADD1
DOUT
18/HS
DOUT
19/VS
DOUT
20/DE
AUX
CONTROL
BITS
CONTROL BITS
CONTROL-SIGNAL DECODING
27 BITS
VS
DE*
DOUT
CSI-2 DOUT_±
HS*
KEY:
SOT: START OF TRANSMISSION
EOT: END OF TRANSMISSION
PH: PACKET HEADER
PF: PACKET FOOTER
FS: FRAME START
FE: FRAME END
LPS: LOW POWER STATE
SOT
FS EOT
LPS
LPS
SOT
FE EOT
LPS
LPS
LPKT
SPKT
LPKT
SPKT
SOT
PH
EOT
LPS
LPS
DATA
PF
*REGISTER SETTING DETERMINES WHETHER DE OR HS IS USED FOR PACKET TIMING
≥ 200PCLK
≥ 200PCLK
≥ 200PCLK
≥ 200PCLK
≥ 200PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com