Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
(VAVDD18 = VDVDD18 = VIOVDD = 1.8V, VAVDD3 = 3.3V, TA = +25°C, unless otherwise noted.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
Maxim Integrated │ 17
www.maximintegrated.com
100mV/div
toc09
2ns/div
MIPI CLOCK EYE PATTERN
80Mbps
100mV/div
toc10
200ps/div
MIPI CLOCK EYE PATTERN
1000Mbps
0
20
40
60
80
100
120
0
5
10
15
20
CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY
vs. STP CABLE LENGTH (BER ≤ 10-9)
toc08
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 12m
OPTIMUM
PE/EQ
NO PE,
10.7dB EQ
NO PE/EQ
6dB PE,
10.7dB EQ
100mV/div
toc11
2ns/div
MIPI DATA EYE PATTERN
80Mbps
500mV/div
toc13
50ns/div
MIPI SOT
100mV/div
toc12
200ps/div
MIPI DATA EYE PATTERN
1000Mbps
500mV/div
toc14
50ns/div
MIPI EOT
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com