Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = 3.3V, TA = +25°C.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 10
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short-to-Battery Threshold
VTB
Figure 1
2.47
V
OUTPUT FOR REVERSE CONTROL CHANNEL (IN+, IN-)
Differential High Output Peak
Voltage (VIN+) - (VIN-)
VRODH
Forward channel
disabled,
Figure 2
Legacy reverse control-
channel mode
30
60
mV
High-immunity mode
50
100
Differential Low Output Peak
Voltage (VIN+) - (VIN-)
VRODL
Forward channel
disabled,
Figure 2
Legacy reverse control-
channel mode
-60
-30
mV
High-immunity mode
-100
-50
Single-Ended High Output Peak
Voltage
VROSH
Forward channel
disabled
Legacy reverse control-
channel mode
30
60
mV
High-immunity mode
50
100
Single-Ended Low Output Peak
Voltage
VROSL
Forward channel
disabled
Legacy reverse control-
channel mode
-60
-30
mV
High-immunity mode
-100
-50
DIFFERENTIAL INPUTS (IN+, IN-)
Differential High Input Threshold
(Peak) Voltage (VIN+) - (VIN-)
VIDH(P)
Figure 3
Activity detector medium
threshold, (0x0B D[6:5] = 01)
60
mV
Activity detector low
threshold, (0x0B D[6:5] = 00)
52
Differential Low Input Threshold
(Peak) Voltage (VIN+) - (VIN-)
VIDL(P)
Figure 3
Activity detector medium
threshold, (0x0B D[6:5] = 01)
-60
mV
Activity detector low
threshold, (0x0B D[6:5] = 00)
-52
Input Common-Mode Voltage
((VIN+) + (VIN-))/2
VCMR
1
1.3
1.6
V
Differential Input Resistance
(Internal)
RIN
80
100
130
Ω
SINGLE-ENDED INPUTS (IN+, IN-)
Single-Ended High Input
Threshold (Peak) Voltage
VISH(P)
Figure 4
Activity detector medium
threshold, (0x0B D[6:5] = 01)
43
mV
Activity detector low
threshold, (0x0B D[6:5] = 00)
36
Single-Ended Low Input
Threshold (Peak) Voltage
VISL(P)
Figure 4
Activity detector medium
threshold, (0x0B D[6:5] = 01)
-43
mV
Activity detector low
threshold, (0x0B D[6:5] = 00)
-36
Input Resistance (Internal)
RI
40
50
65
Ω
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com