Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = 3.3V, TA = +25°C.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 14
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Audio Skew Relative to Video
tASK
Video and audio synchronized
3 x
tWS
4 x tWS
µs
SCK, SD, WS Rise-and-Fall
Time
tR, tF
20% to 80%
CL = 10pF, DCS = 1
0.3
3.1
ns
CL = 5pF, DCS = 0
0.4
3.8
SD, WS Valid Time Before SCK
(2-Channel I2S)
tDVB1
tSCK = 1/fSCK, Figure 12
0.20 x tSCK
0.5 x
tSCK
ns
SD, WS Valid Time After SCK
(2-Channel I2S)
tDVA1
tSCK = 1/fSCK, Figure 12
0.20 x tSCK
0.5 x
tSCK
ns
SD, WS Valid Time Before SCK
(8-Channel TDM)
tDVB2
tSCK = 1/fSCK, Figure 12
0.20 x tSCK
0.5 x
tSCK
ns
SD, WS Valid Time After SCK
(8-Channel TDM)
tDVA2
tSCK = 1/fSCK, Figure 12
0.20 x tSCK
0.5 x
tSCK
ns
HIGH-SPEED DIFFERENTAIL OUTPUT PORTS (DOUT0_–DOUT3_, CLK_) (Note 10)
20% to 80% Rise Time and Fall
Time
tR, tF
Bit rate ≤ 1Gbps
0.3
UI
100
ps
Data-to-Clock Skew
tSKW
-0.15
+0.15
UI
UI Instantaneous
UIINS
1
12.5
ns
Common-Level Variation Above
450MHz
ΔVCM
15
mVRMS
Common-Level Variation
Between 50MHz to 450MHz
25
mVPEAK
LOW-SPEED DIFFERENTIAL OUTPUT PORTS (DOUT0_–DOUT3_, CLK_) (Note 10)
15% to 85% Rise Time and Fall
Time
tRLP/tFLP
25
ns
30% to 85% Rise Time and Fall
Time Transition from HS to LP
tREOP
35
ns
GENERAL CSI-2 TIMING SPECIFICATIONS (Note 10, Figure 13)
Start of Transmission: Clock
Prepare Time
tCLK-
PREPARE
Time that the transmitter drives the clock
lane LP-00 line state immediately before
HS-0 line state starting the HS transition
38
95
ns
End of Transmission: Clock
Trail Time
tCLK-TRAIL
Time that the transmitter drives the HS-0
state after the last payload clock bit of a
HS transmission burst
60
ns
Clock Start of Transmission
Time
tCLK-
PREPARE
+ tCLK-
ZERO
tCLK-PREPARE + time that the transmitter
drives the HS-0 state prior to starting the
clock
300
ns
AC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com