Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 85 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 85 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 83Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 84Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 85Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 86Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 85
For the fault-detection circuit, select the resistor’s power
rating to handle a short to the battery. In coax mode,
leave the unused line-fault inputs unconnected. To detect
the short-together case, refer to Application Note 4709:
GMSL Line-Fault Detection. Table 23 lists the mapping
for line fault types
Internal Input Pulldowns
The control and configuration inputs (except three-level
inputs) include a pulldown resistor to GND. External
pulldown resistors are not needed.
Choosing I2C/UART Pullup Resistors
I2C and UART open-drain lines require a pullup resistor
to provide a logic-high level. There are tradeoffs between
power dissipation and speed, and a compromise may
be required when choosing pullup resistor values. Every
device connected to the bus introduces some capacitance
even when the device is not in operation. I2C specifies
300ns rise times (30% to 70%) for fast mode, which
is defined for data rates up to 400kbps (see the I2C
specifications in the AC Electrical Characteristics table
for details). To meet the fast-mode rise-time requirement,
choose the pullup resistors so that rise time tR = 0.85
x RPULLUP x CBUS < 300ns. The waveforms are not
recognized if the transition time becomes too slow. The
device supports I2C/UART rates up to 1Mbps.
AC-Coupling
AC-coupling isolates the receiver from DC voltages up
to the voltage rating of the capacitor. Capacitors at the
serializer output and at the deserializer input are needed
for proper link operation and to provide protection if either
end of the cable is shorted to a battery. AC-coupling
blocks low-frequency ground shifts and low-frequency
common-mode noise.
Selection of AC-Coupling Capacitors
Voltage droop and the digital sum variation (DSV) of
transmitted symbols cause signal transitions to start from
different voltage levels. Because the transition time is fixed,
starting the signal transition from different voltage levels
causes timing jitter. The time constant for an AC-coupled
link needs to be chosen to reduce droop and jitter to an
acceptable level. The RC network for an AC-coupled link
consists of the CML/coax receiver termination resistor
(RTR), the CML/coax driver termination resistor (RTD),
and the series AC-coupling capacitors (C). The RC time
constant for four equal-value series capacitors is (C x
(RTD + RTR))/4. RTD and RTR are required to match the
transmission line impedance (usually 100Ω differential,
50Ω single ended). This leaves the capacitor selection to
change the system time constant. Use at 0.22μF (using
power over coax or legacy reverse control channel), 47nF
(using high-immunity reverse control channel without
power over coax), or larger high-frequency surface-
mount ceramic capacitors, with sufficient voltage rating
to withstand a short to battery, to pass the lower
speed reverse control-channel signal. Use capacitors
with a case size less than 3.2mm x 1.6mm to have lower
parasitic effects to the high-speed signal.
Power-Supply Circuits and Bypassing
The deserializers use an AVDD18 and DVDD18 of 1.7V
to 1.9V and an AVDD3 of 3.0V to 3.6V. All single-ended
inputs and outputs except for the serial input derive power
from an IOVDD of 1.7V to 3.6V that scale with IOVDD.
Proper voltage-supply bypassing is essential for high-
frequency circuit stability.
Power-Supply Table
Power-supply currents shown in the DC Electrical
Characteristics table is measured at VIOVDD = 3.6V. If
using a different IOVDD voltage, the IOVDD worst-case
supply current will vary. HDCP operation (MAX9290 only)
draws additional current. This is shown in Table 24.
Cables and Connectors
Interconnect for CML typically has a differential
impedance of 100Ω. Use cables and connectors that
have matched differential impedance to minimize imped-
ance discontinuities. Coax cables typically have a
characteristic impedance of 50Ω, contact the factory for
75Ω operation). Table 24 lists the suggested cables and
connectors used in the GMSL link.
Board Layout
Separate LVCMOS logic signals and CML/coax high-
speed signals to prevent crosstalk. Use a four-layer PCB
with separate layers for power, ground, CML/coax, and
LVCMOS logic signals. Layout PCB traces close to each
other for a 100Ω differential characteristic impedance for
STP. The trace dimensions depend on the type of trace
used (microstrip or stripline). Note that two 50Ω PCB
traces do not have 100Ω differential impedance when
brought close together—the impedance goes down when
the traces are brought closer. Use a 50Ω trace for the
single-ended output when driving coax.
Route the PCB traces for differential CML channel in
parallel to maintain the differential characteristic imped-
ance. Avoid vias. Keep PCB traces that make up a
differential pair equal length to avoid skew within the
differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com