Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 18
PIN
NAME
FUNCTION
1
INTOUT
A/V Status Register Interrupt Output. Indicates new data in the A/V status registers. INTOUT is reset
when the A/V status registers are read.
2
GPI
General-Purpose Input with Internal Pulldown to EP. The serializer GPO (or INT) output follows GPI.
3
I2CSEL
I2C Select. Control channel interface protocol select input with internal pulldown to EP. Set I2CSEL =
high to select I2C interface. Set I2CSEL = low to select UART interface.
4
GPIO0
Open-Drain, General-Purpose Input/Output, with Internal 60kΩ Pullup to IOVDD
5
BWS
Three-Level Bus Width Select Input. Set BWS to the same level on both sides of the serial link. Set
BWS = low, with 6kΩ (max) pulldown for 24-bit mode. Set BWS = high, with 6kΩ (max) pullup to
IOVDD for 32-bit mode. Set BWS = open for high-bandwidth mode.
6, 47
AVDD3
3.3V Analog Power Supply. Bypass AVDD3 to EP with 0.1µF and 0.001µF capacitors as close as
possible to the device with the smaller capacitor closest to AVDD3.
7
IN+
Noninverting Coax/Twisted-Pair Serial Input
8
IN-
Inverting Coax/Twisted-Pair Serial Input
TQFN/SWTQFN
(7mm x 7mm x 0.75mm)
CONNECT EP TO GROUND PLANE
EP*
MAX9288
MAX9290
TOP VIEW
13
14
15
16
17
18
19
20
21
22
23
24
RX/SDA
+
TX/SCL
PWDN
WS
SCK
SD
ADD2/CNTL2
HIM/CNTL1
IOVDD
CDS
DVDD18
RSVD
48
47
46
45
44
43
42
41
40
39
38
37
1
2
3
4
5
6
7
8 9 10 11 12
CX/TP
AVDD3
LMN1
LMN0
LFLT
IOVDD
DRS
ERR
LOCK
ADD0/CNTL0
ADD1/CNTL3
DVDD18
36 35 34 33 32 31 30 29 28 27 26 25
Pin Description
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com