Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 24Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 25Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 26Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 27Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 24
Figure 5. Worst-Case Pattern Output
Figure 6. I2C Timing Parameters
VS2
DE/HS3
DIN_ (EVEN INPUTS)
1. GMSL SERIALIZER INPUT SIGNAL
2. VS STARTS LOW AND REMAINS HIGH
3. REGISTER SETTING DETERMINES IF DE OR HS IS USED
DIN_ (ODD INPUTS)
SIGNAL1
2000 PCLK CYCLES
PCLKIN
200 PCLK
CYCLES
200 PCLK
CYCLES
2000 PCLK CYCLES
PROTOCOL
SCL
SDA
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
BIT 0
(R/W)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
VIOVDD x 0.7
VIOVDD x 0.3
VIOVDD x 0.7
VIOVDD x 0.3
tSU;STA
tLOW
tHIGH
tBUF
tHD;STA
tr
tSP
tf
tSU;DAT
tHD;DAT
tVD;DAT
tVD;ACK
tSU;STO
1/fSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com