Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 24Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 25Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 26Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 23
Figure 2. Reverse Control-Channel Output Parameters
Figure 3. Test Circuit for Differential Input Measurement
VIN+
RL/2
RL/2
CIN
CIN
VID(P)
IN+
IN-
VID(P) = | VIN+ - VIN- |
VCMR = (VIN+ + VIN-)/2
VIN-
_
+
_
_
+
CIN
0.22µF
49.9Ω
+
-
VIN_
IN_
VIS(P)
MAX9288
MAX9290
REVERSE
CONTROL-CHANNEL
TRANSMITTER
IN+
IN-
IN-
IN+
IN+
IN-
VOD
RL/2
RL/2
VCMR
VCMR
VROH
(IN+) - (IN-)
tR
0.1 x VROL
0.9 x VROL
tF
VROL
0.9 x VROH
0.1 x VROH
Figure 4. Test Circuit for Single-Ended Input Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com