Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 64Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 67
I2C Address Translation
The deserializers support I2C address translation for up to
two device addresses. Use address translation to assign
unique device addresses to peripherals with limited
I2C addresses. Source addresses (address to translate
from) are stored in registers 0x18 and 0x1A. Destination
addresses (address to translate to) are stored in registers
0x19 and 0x1B.
In a multilink situation where there are multiple deserial-
izers and/or peripheral devices connected to these serial-
izers, the deserializers support broadcast commands to
control these multiple devices. Select an unused device
address to use as a broadcast device address. Program
all the remote-side serializer devices to translate the
broadcast device address (source address stored in reg-
isters 0x0F, 0x11) to the peripherals’ address (destination
address stored in registers 0x10, 0x12). Any commands
sent to the broadcast address (selected unused address)
are sent to all deserializers and/or peripheral devices con-
nected to the deserializers whose addresses match the
translated broadcast address.
GPO/GPI Control
GPO on the serializer follows GPI transitions on the dese-
rializer. This GPO/GPI function can be used to transmit
signals such as a frame sync in a surround-view camera
system. The GPI-to-GPO delay is 0.35ms max. Keep
time between GPI transitions to a minimum 0.35ms. This
includes transitions from the other deserializer in coax
splitter mode. Bit D4 of register 0x06 in the deserializer
stores the GPI input state. GPO is low after power-up.
The µC can set GPO by writing to the SETGPO register
bit. Do not send a logic-low value on the deserializer
RX/SDA input (UART mode) longer than 100µs in
either base or bypass mode to ensure proper GPO/GPI
functionality. GPO/GPI commands will override and cor-
rupt an I2C/UART command in progress.
Line Equalizer
The deserializer includes an adjustable line equalizer to
further compensate cable attenuation at high frequencies.
The cable equalizer has 11 selectable levels of compen-
sation from 2.1dB to 13dB (Table 11). To select other
equalization levels, set the corresponding register bits
in the deserializer (0x05 D[3:0]). Use equalization in the
deserializer, together with preemphasis in the serializer, to
create the most reliable link for a given cable.
HS/VS/DE Tracking
The deserializer has tracking to filter out HS/VS/DE bit or
packet errors. HS/VS/DE tracking is on by default when
the device is in high-bandwidth mode (BWS = open),
and off by default when in 24-bit or 32-bit mode (BWS =
low or high). Set/clear HVTREN (D6 of register 0x15) to
enable/disable HS/VS tracking. Set/clear DETREN (D5 of
register 0x15) to enable/disable DE tracking. By default,
the device uses a partial and full periodic tracking of
HS/DE. Set HVTRMODE = 0 (D4 of register 0x15) to
disable full periodic tracking. HS/VS/DE tracking can be
turned on in 24-bit and 32-bit modes to track and correct
against bit errors in HS/VS/DE link bits.
Serial Input
The device can receive serial data from two kinds of
cable: 100Ω twisted pair and 50Ω coax. (Contact the
factory for devices compatible with 75Ω cables).
Table 11. Cable Equalizer Boost Levels
BOOST SETTING
(0x05 D[3:0])
TYPICAL BOOST GAIN (dB)
0000
2.1
0001
2.8
0010
3.4
0011
4.2
0100
5.2
Power-up default when
EQS is set high
0101
6.2
0110
7
0111
8.2
1000
9.4
1001
10.7
Power-up default when
EQS is set low
1010
11.7
1011
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com