Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 69
Cable Type Configuration Input
CX/TP determine the power-up state of the serial input.
In coax mode, CX/TP also determine which coax input is
active, along with the default device address (Table 12).
Color Lookup Tables
The deserializer includes three color lookup tables (LUT)
to support automatic translation of pixel values. The LUT
can be used for RGB666, RGB888, and user-defined
generic 8-bit CSI-2 outputs. This feature can be used for
color gamma correction, brightness/contrast or for other
purposes. There are three lookup tables, each 8 bits wide
and 256 entries deep, enabling a 1-to-1 translation of 8-bit
input values to any 8-bit output value for each color (24
bits total).
Programming and Verifying LUT Data
The µC must set the LUTPROG register bit to 1 before
programming and verifying the tables. To program a LUT,
the µC generates a write packet with register address set
to the assigned register address for respective LUT (0x7D,
0x7E, or 0x7F). The deserializer writes data in the packet
to the respective LUT starting from the LUT address
location set in the LUTADDR register. Successive bytes
in the data packet are written to the next LUT address
location; however, each new data-packet write starts from
the address location stored in the LUTADDR register.
Use 0x00 for LUTADDR and 0x00 as the number of bytes
field in UART packet, when writing a 256-byte data block,
because 8-bit-wide number of bytes field cannot normally
represent 9-bit wide “256” value. There is no number of
bytes field in I2C-to-I2C modes.
To read back the contents of an LUT, the µC generates
a read packet with register address set to the assigned
register address for respective LUT (0x7D, 0x7E, or
0x7F). The deserializer outputs read data from the
respective LUTstarting from the LUTaddress location set in
the LUT_ADDR register. Similar to the write operation,
use 0x00 for LUTADDR and 0x00 as the number of bytes
field in UART packet, when reading a 256-byte data block.
LUT Color Translation
After power-up or going out of sleep or power-down
modes, LUT translation is disabled and LUT contents
are unknown. After program and verify operations are
finished, in order to enable LUT translations, set the
LUTPROG bit to 0 and set the respective LUT enable bits
(RED_LUT_EN, GRN_LUT_EN, BLU_LUT_EN) to 1 to
enable the desired LUT translation function. Only the
selected colors are translated by the LUT (the other
colors are not touched). The µC does not need to fill in all
three color lookup tables if all three color translations are
not needed.
After a pixel is deserialized, decoded, and decrypted (if
necessary), it is segmented into its color components red,
green, and blue (RGB) according to Table 13 and Figure
56. If LUT translation is enabled, each 8-bit pretranslation
color value is used as address to the respective LUT table
to look up the corresponding (translated) 8-bit color value.
Table 13. Pixel Data Format
Table 12. Configuration Input Map
CX/TP
FUNCTION
High
Coax+ input. 7-bit device address is XXXXXX0 (bin).
Mid
Coax- input. 7-bit device address is XXXXXX1 (bin).
Low
Twisted-pair input. 7-bit device address is
XXXXXX0 (bin).
DOUT
[5:0]
DOUT
[11:6]
DOUT
[17:12]
DOUT18
DOUT19
DOUT20
DOUT
[22:21]
DOUT
[24:23]
DOUT
[26:25]
R[5:0]
G[5:0]
B[5:0]
HS
VS
DE
R[7:6]
G[7:6]
B[7:6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com