Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 36Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 37Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 38Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 39Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 40Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 41Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 42Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 43Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 40
Figure 27. RAW 10-Bit (Double Load) Output
DOUT
0
DOUT
1
PA0
PA1
PA2
DOUT
2
GMSL TO CSI-2
RAW 10 BIT
(DOUBLE LOAD,
BWS = HIGH OR OPEN)
P4[9:2]
PACKET HEADER
P1[9:2]
P3[9:2]
P2[9:2]
P(N-3)[9:2]
P(N-2)[9:2]
P(N)[9:2]
P(N-1)[9:2]
PACKET FOOTER
DATA ID
WORD COUNT
ECC
D6
PB4-0
D7
PB4-1
D4
PA3-0
D5
PA3-1
D2
PB2-0
D3
PB2-1
D0
PA1-0
D1
PA1-1
8 BITS
16 BITS
8 BITS
D7
0
D6
0
D5
DT5
D4
DT4
D3
DT3
D2
DT2
D1
DT1
D0
DT0
D7
VC1
D6
VC0
D5
DT5
D4
DT4
D3
DT3
D2
DT2
D1
DT1
D0
DT0
CRC LS BYTE
CRC MS BYTE
1 OF 4
CHANNEL
SELECT
DATA TYPE
SELECT
8 BITS
8 BITS
LINE
START
LINE
STOP
WRD WC- 2
WRD WC -1
WRD WC
WRD WC - 3
HS
VS
DE
DOUT
18/HS
DOUT
19/VS
DOUT
20/DE
DOUT
23
DOUT
26
RES
RES
PA-0
PA-1
PA-2
CONTROLS FS & FE AND PACKET
START/END
DOUT
10
DOUT
11
DOUT
12
HS
VS
DE
DOUT
18/HS
DOUT
19/VS
DOUT
20/DE
DOUT
0
DOUT
1
DOUT
2
PB0
PB1
PB2
DOUT
9
PA9
PA-9
DOUT
17
DOUT
9
PB7
LSB
LSB
WRD WC - 4
DOUT
21
PB8
DOUT
22
PB9
PB-0
PB-1
PB-2
PB-7
DOUT
10
DOUT
11
DOUT
12
DOUT
17
DOUT
23
DOUT
26
RES
RES
DOUT
21
PB-8
DOUT
22
PB-9
DATA TYPE
0X00 – 0X07
0X08 – 0X0F
0X10 – 0X17
0X18 – 0X1F
0X30 – 0X37
0X38 – 0X3F
0X20 – 0X27
0X28 – 0X2F
DESCRIPTION
SYNCHRONIZATION SHORT PACKET DATA TYPES
GENERIC SHORT PACKET DATA TYPES
GENERIC LONG PACKET DATA TYPES (TYPE 0X12 USED FOR EMBEDDED AUDIO
YUV DATA
USER DEFINED BYTE BASED DATA
RESERVED
RGB DATA
RAW DATA
WORD COUNT
PIXEL
BYTES
BITS
1
1.25
10
N*
1.25N
*PIXEL COUNT NEEDS TO BE A MULTIPLE OF 4
D6
PB-8
D7
PB-9
D0
PB-2
D1
PB-3
D2
PB-4
D3
PB-5
D4
PB-6
D5
PB-7
D6
PA-8
D7
PA-9
D0
PA-2
D1
PA-3
D2
PA-4
D3
PA-5
D4
PA-6
D5
PA-7
WRD 1
WRD 2
WRD 3
WRD 4
WRD 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com