Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = 3.3V, TA = +25°C.) (Note 3)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 11
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Total Supply Current (AVDD_
+ DVDD_ + IOVDD) (Note 7)
(Worst-Case-Pattern, Figure 5)
IWCS
BWS = low, fPCLKOUT =
16.6MHz, 1 MIPI lane,
RGB666
AVDD3
97
131
mA
DVDD18
28
38
IOVDD
0.3
2
AVDD18
21
33
Total
146
197
BWS = low, fPCLKOUT =
33.3MHz, 1 MIPI lanes,
RGB666
AVDD3
99
134
DVDD18
45
62
IOVDD
0.3
2
AVDD18
25
34
Total
170
227
BWS = low, fPCLKOUT =
66.6MHz, 2 MIPI lanes,
RGB666
AVDD3
103
140
DVDD18
69
94
IOVDD
0.3
2
AVDD18
29
39
Total
201
270
BWS = low, fPCLKOUT =
104MHz, 2 MIPI lanes,
RGB666
AVDD3
112
152
DVDD18
100
139
IOVDD
0.3
2
AVDD18
46
63
Total
259
351
BWS = mid, fPCLKOUT =
36.6MHz, 1 MIPI lanes,
RGB888
AVDD3
100
136
DVDD18
51
70
IOVDD
0.3
2
AVDD18
27
36
Total
178
236
BWS = mid, fPCLKOUT =
104MHz, 2 MIPI lanes,
RGB888
AVDD3
112
153
DVDD18
123
169
IOVDD
0.3
2
AVDD18
55
75
Total
290
394
Sleep-Mode Supply Current
ICCS
44
120
µA
Power-Down Current
ICCZ
PWDN
= GND
12
75
µA
ESD PROTECTION
IN+, IN- (Note 8)
VESD
Human Body Model, RD = 1.5kΩ,
CS = 100pF
±8
kV
IEC 61000-4-2, RD =
330Ω, CS = 150pF
Contact discharge
±8
Air discharge
±12
ISO 10605, RD = 2kΩ,
CS = 330pF
Contact discharge
±8
Air discharge
±20
All Other Pins (Note 9)
VESD
Human Body Model, RD = 1.5kΩ,
CS = 100pF
±2.5
kV
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com