Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 70 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 67Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 68Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 69Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 70Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 70
LUT Bit Width
In 32-bit and high-bandwidth modes, 24 bits are
available for color data (8 bits per color) and each LUT is
used for 8-bit to 8-bit color translation. In 24-bit mode, the
deserializer can receive only up to 18-bit color (6 bits per
color). The LUT tables can translate from 6-bit to 6-bit,
using the first 64 locations (0x00 to 0x3F). Program the
MSB 2 bits of each LUT value to 00. Alternatively, pro-
gram full 8-bit values to each LUT for 6-bit to 8-bit color
translation.
Recommended LUT Program Procedure
1) Write LUTPROG = 1 to register 0x7C. Keep
BLULUTEN = 0, GRNLUTEN = 0, REDLUTEN = 0
(write 0x08 to register 0x7C).
2) Write contents of red LUT with a single write packet.
For 24-bit RGB, use 0x7D as register address and
0x00 as number of bytes (UART only) and write 256
bytes. For 18-bit RGB, use 0x7D as register address
and 0x40 as number of bytes (UART only) and write 64
bytes. (Optional: Multiple write packets can be used if
LUTADDR is set before each LUT write packet.)
3) Read contents of red LUT and verify that they are
correct. Use the same register address and number
of bytes used in the previous step.
4) Repeat steps 2 and 3 for the green LUT, using 0x7E
as the register address.
5) Repeat steps 2 and 3 for the blue LUT, using 0x7F as
the register address.
6a) To finish the program and verify routine, without
enabling the LUT color translation, write LUTPROG =
0 (write 0x00 to register 0x7C).
6b) To finish the program and verify routine, and start LUT
color translation, write LUTPROG = 0, BLULUTEN =
1, GRNLUTEN = 1, REDLUTEN = 1 (write 0x07 to
register 0x7C).
Figure 56. LUT Dataflow
ADDR
R5
R4
R3
R2
R1
R0
24-BIT MODE
32-BIT OR HIGH-
BANDWIDTH MODE
R7
R6
0
0
RED LUT
DATA
MSB
LSB
MSB
LSB
DOUT3
DOUT9 DOUT8 DOUT7 DOUT6
DOUT2 DOUT1 DOUT0
DOUT4
DOUT5
R5
R4
R3
R2
R1
R0
R6
R7
ADDR
G5
G4
G3
G2
G1
G0
G7
G6
0
0
GREEN LUT
DATA
MSB
LSB
MSB
LSB
G5
G4
G3
G2
G1
G0
G6
G7
ADDR
B5
B4
B3
B2
B1
B0
B7
B6
0
0
BLUE LUT
DATA
MSB
LSB
MSB
LSB
B5
B4
B3
B2
B1
B0
B6
B7
EN
REDLUTEN
EN
GRNLUTEN
EN
BLULUTEN
DOUT
22
DOUT
24
DOUT
26
DOUT
25
DOUT
17
DOUT
16
DOUT
15
DOUT
14
DOUT
13
DOUT
12
DOUT
23
DOUT
11
DOUT
10
DOUT
21
OUTPUT
PIN
OUTPUT
SIGNAL
24-BIT MODE
32-BIT OR HIGH-
BANDWIDTH MODE
24-BIT MODE
32-BIT OR HIGH-
BANDWIDTH MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com