Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 31Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 32Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 33Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 34Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 35Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 36Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 37Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 38Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 35
Figure 22. YUV422 10-Bit (Muxed) Output
DOUT0 DOUT1
CB-0
CB-1
CB-2
DOUT2
DOUT10
GMSL TO CSI-2
YUV422 10 BIT (MUXED)
Y2[9:2]
PACKET HEADER
CB1[9:2]
CR2[9:2]
Y1[9:2]
CB(N-1)[9:2]
Y(N-1)[9:2]
Y(N)[9:2]
CR(N)[9:2]
PACKET FOOTER
DATA ID
WORD COUNT
ECC
8 BITS
16 BITS
8 BITS
D7
0
D6
0
D5
DT5
D4
DT4
D3
DT3
D2
DT2
D1
DT1
D0
DT0
D7
VC1
D6
VC0
D5
DT5
D4
DT4
D3
DT3
D2
DT2
D1
DT1
D0
DT0
CRC LS BYTE
CRC MS BYTE
DATA TYPE
0X00 – 0X07
0X08 – 0X0F
0X10 – 0X17
0X18 – 0X1F
0X30 – 0X37
0X38 – 0X3F
0X20 – 0X27
0X28 – 0X2F
DESCRIPTION
SYNCHRONIZATION SHORT PACKET DATA TYPES
GENERIC SHORT PACKET DATA TYPES
GENERIC LONG PACKET DATA TYPES (TYPE 0X12 USED FOR EMBEDDED AUDIO
YUV DATA
USER DEFINED BYTE BASED DATA
RESERVED
RGB DATA
RAW DATA
1 OF 4 CHANNEL
SELECT
DATA TYPE
SELECT
8 BITS
8 BITS
WORD COUNT
PIXEL
BYTES
BITS
1
2.5
20
LINE
START
LINE STOP
N*
2.5N
WRD WC- 2
WRD WC -1
WRD WC
WRD WC - 3
HS
VS
DE
DOUT18
/HS
DOUT19
/VS
DOUT20
/DE
DOUT21
DOUT26
RES
RES
DOUT17
RES
NO INPUT WHEN BWS =
LOW
DOUT0 DOUT1
CR-0
CR-1
CR-2
DOUT2
DOUT10
HS
VS
DE
DOUT18
/HS
DOUT19
/VS
DOUT20
/DE
DOUT21
DOUT26
RES
RES
DOUT17
RES
CONTROLS FS & FE AND PACKET
START/END
DOUT2
DOUT10
HS
VS
DE
DOUT18
/HS
DOUT19
/VS
DOUT20
/DE
DOUT21
DOUT26
RES
RES
DOUT17
RES
DOUT2
DOUT10
Y-0
Y-1
Y-2
HS
VS
DE
DOUT18
/HS
DOUT19
/VS
DOUT20
/DE
DOUT21
DOUT26
RES
RES
DOUT17
RES
Y-2
RES
RES
RES
RES
DOUT9
CB-9
DOUT9
CR-9
DOUT9
DOUT9
Y-9
Y-9
LSB
LSB
WRD WC - 4
*PIXEL COUNT NEEDS TO BE A MULTIPLE OF 2
Y-8
Y-9
Y-2
Y-3
Y-4
Y-5
Y-6
Y-7
D6
CR-8
D7
CR-9
D0
CR-2
D1
CR-3
D2
CR-4
D3
CR-5
D4
CR-6
D5
CR-7
CB-8
CB-9
CB-2
CB-3
CB-4
CB-5
CB-6
CB-7
D6
Y2-0
D7
Y2-1
D4
CR2-0
D5
CR2-1
D2
Y1-0
D3
Y1-1
D0
CB1-0
D1
CB1-1
Y-0
Y-1
WRD 1
WRD 2
WRD 3
WRD 4
WRD 5
DOUT0 DOUT1
DOUT0 DOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com