Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 45Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 46Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 47Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 48Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 49Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 49
Clock Operation
The GMSL deserializer recovers the pixel clock (PCLK)
from the serial input. This pixel clock is used to time
various functions of the device such as the control sig-
nals and MCLK. The pixel, along with the CSI data type,
determines the CSI HS clock (CLK+/-) When the clocks
are stable, the LOCK pin goes high and the clock trans-
mitter starts the SOT, HS prepare and HS zero sequences
and transmits the HS clock in HS differential mode. If the
device loses of lock, the clock lane is disabled, and the
clock transmitter pulls the line to stop state (LP-11).
Data-Rate Selection and CSI-2 Clock
Limitations
Three factors affect the overal useable clock range of the
GMSL deserializers: The valid clock range of the GMSL
serial input, the MIPI CSI-2 output, and the data bit width.
Table 5 lists the valid PCLK range at various CSI-2 output
modes. Table 6 shows the valid CSI-2 output-channel bit
rate.
Table 3. Video Output Map (RAW and User Defined)
1. Refer to the GMSL serializer data sheet for details.
2. RAW datatype defaults to single load. Set INPUTBW = 1 to use double input mode (output sequence PA0, PB0, PA1, PB1).
3. Data type available when BWS = high or open, only.
GMSL
INPUT
BITS1
RAW (DOUBLE LOAD2)
RAW (SINGLE LOAD2)
USER DEFINED
8-BIT
10-BIT3
12-BIT3
8-BIT
10-BIT
12-BIT
14-BIT
24-BIT3
8-BIT
DIN0
PA0
PA0
PA0
P0
P0
P0
P0
UA0
U0
DIN1
PA1
PA1
PA1
P1
P1
P1
P1
UA1
U1
DIN2
PA2
PA2
PA2
P2
P2
P2
P2
UA2
U2
DIN3
PA3
PA3
PA3
P3
P3
P3
P3
UA3
U3
DIN4
PA4
PA4
PA4
P4
P4
P4
P4
UA4
U4
DIN5
PA5
PA5
PA5
P5
P5
P5
P5
UA5
U5
DIN6
PA6
PA6
PA6
P6
P6
P6
P6
UB0
U6
DIN7
PA7
PA7
PA7
P7
P7
P7
P7
UB1
U7
DIN8
PB0
PA8
PA8
—
P8
P8
P8
UB2
—
DIN9
PB1
PA9
PA9
—
P9
P9
P9
UB3
—
DIN10
PB2
PB0
PA10
—
—
P10
P10
UB4
—
DIN11
PB3
PB1
PA11
—
—
P11
P11
UB5
—
DIN12
PB4
PB2
PB0
—
—
—
P12
UC0
—
DIN13
PB5
PB3
PB1
—
—
—
P13
UC1
—
DIN14
PB6
PB4
PB2
—
—
—
—
UC2
—
DIN15
PB7
PB5
PB3
—
—
—
—
UC3
—
DIN16
—
PB6
PB4
—
—
—
—
UC4
—
DIN17
—
PB7
PB5
—
—
—
—
UC5
—
DIN18
HS
HS
HS
HS
HS
HS
HS
HS
HS
DIN19
VS
VS
VS
VS
VS
VS
VS
VS
VS
DIN20
DE
DE
DE
DE
DE
DE
DE
DE
DE
DIN21
—
PB8
PB6
—
—
—
—
UA6
—
DIN22
—
PB9
PB7
—
—
—
—
UA7
—
DIN23
—
—
PB8
—
—
—
—
UB6
—
DIN24
—-
—
PB9
—
—
—
—
UB7
—
DIN25
—
—
PB10
—
—
—
—
UC6
—
DIN26
—
—
PB11
—
—
—
—
UC7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com