Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 4Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 5Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
(Note 1)
AVDD3 to EP........................................................-0.5V to +3.9V
AVDD18, DVDD18 to EP......................................-0.5V to +1.9V
IOVDD to EP ........................................................-0.5V to +3.9V
IN+, IN- to EP.......................................................-0.5V to +1.9V
LMN_ to EP (15mA current limit)..........................-0.5V to +3.9V
CLK_, DOUT_ to EP ............................................-0.5V to +1.9V
All Other Pins to EP ............................-0.5V to (VIOVDD + 0.5V)
IN+, IN- Short Circuit to Ground or Supply ...............Continuous
Continuous Power Dissipation (TA = +70°C)
TQFN/SWTQFN (derate 40mW/°C above +70°C)....3200mW
Junction Temperature......................................................+150°C
Storage Temperature........................................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
TQFN/SWTQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........25°C/W
Junction-to-Case Thermal Resistance (θJC).....................1°C
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = 3.3V, TA = +25°C.) (Note 3)
Note 1: EP connected to PCB ground.
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 8
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (ADD_, I2CSEL, PWDN, MS, GPI, DRS, EQS, CDS, HIM, SCK, WS)
High-Level Input Voltage
VIH1
0.65 x
VIOVDD
V
Low-Level Input Voltage
VIL1
0.35 x
VIOVDD
V
Input Current
IIN1
VIN = 0V to VIOVDD
-20
+20
µA
THREE-LEVEL LOGIC INPUTS (BWS, CX/TP)
High-Level Input Voltage
VIH
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL
0.3 x
VIOVDD
V
Mid-Level Input Current
IINM
(Note 4)
-10
+10
µA
Input Current
IIN
-150
+150
µA
SINGLE-ENDED OUTPUTS (WS, SCK, SD, CNTL_, INTOUT)
High-Level Output Voltage
VOH1
IOUT = -2mA
DCS = 0
VIOVDD
- 0.3
V
DCS = 1
VIOVDD
- 0.2
Low-Level Output Voltage
VOL1
IOUT = 2mA
DCS = 0
0.3
V
DCS = 1
0.2
DC Electrical Characteristics
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics (Note 2)
Absolute Maximum Ratings
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com