Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 91 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 91 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 87Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 88Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 89Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 90Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 91Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 92Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 93Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 94Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 95Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 91
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x08
D[7:5]
—
001
Reserved
001
D[4:3]
HVSRC
00
D18/D19 assigned to HS/VS .
00
01
D14/D15 assigned to HS/VS (for use with the
MAX9271).
1X
D0/D1 assigned to HS/VS (D[19:2] shifted to
D[17:0]). For use with the MAX9271/MAX9273
with H/V inversion).
D2
DISDEFILT
0
Enable DE glitch filter. Power-up default when
BWS = high or low.
X
1
Disable DE glitch filter. Power-up default when
BWS = open.
D1
DISVSFILT
0
Enable VS glitch filter. Power-up default when
BWS = high or low.
X
1
Disable VS glitch filter. Power-up default when
BWS = open.
D0
DISHSFILT
0
Enable HS glitch filter. Power-up default when
BWS = high or low.
X
1
Disable HS glitch filter. Power-up default when
BWS = open.
0x09
D7
VSYNCOUT
0
Normal CNTL3 operation.
0
1
CNTL3 outputs VSYNC.
D6
AUTOPPL
0
Automatic pixel count disabled.
0
1
Automatic pixel count enabled.
D[5:0]
—
000000
Reserved
000000
0x0A
D[7:0]
—
00010XXX
Reserved
00010XXX
0x0B
D[7:0]
—
00100000
Reserved
00100000
0x0C
D[7:0]
ERRTHR
XXXXXXXX
Error threshold for decoding errors.
00000000
0x0D
D[7:0]
DECERR
XXXXXXXX
Decoding error counter.
00000000
(Read only)
0x0E
D[7:0]
PRBSERR
XXXXXXXX
PRBS error counter.
00000000
(Read only)
0x0F
D[7:0]
—
XXXXXXXX
Reserved
(Read only)
0x10
D[7:0]
—
XXXXXXXX
Reserved
(Read only)
0x11
D7
REVFAST
0
High-immunity reverse channel mode uses
500kbps bit rate.
0
1
High-immunity reverse channel mode uses
1Mbps bit rate.
D[6:0]
—
0100010
Reserved
0100010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com