Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 19
PIN
NAME
FUNCTION
9
MS
Mode Select with Internal Pulldown to EP. MS sets the control-link mode when CDS = high. Set MS
= low, to select base mode. Set MS = high to select the bypass mode. MS sets autostart mode when
CDS = low.
10, 23,
37
DVDD18
1.8V Digital Power Supply. Bypass DVDD18 to EP with 0.1µF and 0.001µF capacitors as close as
possible to the device with the smaller value capacitor closest to DVDD18.
11
GPIO1
Open-Drain, General-Purpose Input/Output, with Internal 60kΩ Pullup to IOVDD
12
EQS
Equalizer Select Input, with Internal Pulldown to EP. The state of EQS latches upon power-up or
when resuming from power-down mode (PWDN = low). Leave EQS open for 10.7dB equalizer boost
(EQTUNE = 1001). Connect EQS to IOVDD with a 30kΩ resistor for 5.2dB equalizer boost (EQTUNE =
0100).
13
RX/SDA
UART Receive/I2C Serial Data Input/Output, with Internal 30kΩ Pullup to IOVDD. Function is
determined by the state of I2CSEL at power-up. RX/SDA has an open-drain driver and requires a
pullup resistor.
RX: Input of the deserializer’s UART.
SDA: Data input/output of the deserializer’s I2C Master/Slave.
14
TX/SCL
UART Transmit/I2C Serial Clock Input/Output, with Internal 30kΩ Pullup to IOVDD. Function is
determined by the state of I2CSEL at power-up. TX/SCL has an open-drain driver and requires a pullup
resistor.
TX: Output of the deserializer’s UART.
SCL: Clock input/output of the deserializer’s I2C Master/Slave.
15
PWDN
Active-Low, Power-Down Input, with Internal Pulldown to EP. Set PWDN low to enter power-down
mode to reduce power consumption.
16
WS
I2S/TDM Word-Select Input/Output. Powers up as an I2S output (deserializer provided clock). Set
AUDIOMODE bit = ‘1’ to change WS to an input with internal pulldown to GND and supply WS
externally (system provided clock).
17
SCK
I2S/TDM Serial-Clock Input/Output. Powers up as an I2S output (deserializer provided clock). Set
AUDIOMODE bit = ‘1’ to change SCK to an input with internal pulldown to GND and supply SCK
externally (system provided clock).
18
SD
I2S/TDM Serial-Data Output. Disable I2S/TDM encoding to serial data to use SD as an additional
control/data output. Encrypted when HDCP is enabled.
19
ADD2/CNTL2
Address Selection Input/Auxiliary Control Signal Output, with Internal Pulldown to EP. Functions as
ADD2 input at power-up or when resuming from power-down mode (PWDN = low), and switches to
CNTL2 output automatically after power-up.
ADD2: Bit value is latched at power-up or when resuming from power-down mode (PWDN = low). See
Table 1. Connect ADD2/CNTL2 to IOVDD with a 30kΩ resistor to set high or leave open to set low.
CNTL2: Used only in 32-bit and high-bandwidth mode (BWS = high, open). CNTL2 is mapped from the
GMSL serializer’s CNTL2 or DIN28 input.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com