Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 18Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 19Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 20Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 21Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 22Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 23Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 20
PIN
NAME
FUNCTION
20
HIM/CNTL1
High-Immunity Mode Input/Auxiliary Control Signal Output With Internal Pulldown to EP. Functions
as HIM input at power-up or when resuming from power-down mode (PWDN = low), and switches to
CNTL2 output automatically after power-up.
HIM: Default HIGHIMM bit value is latched at power-up or when resuming from power-down mode
(PWDN = low) and is active-high. Connect HIM/CNTL1 to IOVDD with a 30kΩ resistor to set high or
leave open to set low. HIGHIMM can be programmed to a different value after power-up. HIGHIMM in
the serializer must be set to the same value.
CNTL1: Used only in 32-bit and high-bandwidth mode (BWS = high, open). CNTL1 is mapped from the
GMSL serializer’s CNTL1, DIN27, or RES input.
21, 43
IOVDD
I/O Supply Voltage. 1.8V to 3.3V logic I/O power supply. Bypass IOVDD to EP with 0.1µF and 0.001µF
capacitors as close as possible to the device with the smallest value capacitor closest to IOVDD.
22
CDS
Control Direction Selection Input, with Internal Pulldown to EP. Control link direct selection input
with internal pulldown to EP. Set CDS = low when the control channel master µC is connected at the
serializer. Set CDS = high when the control channel master µC is connected at the deserializer.
24
RES
Reserved. Leave unconnected
25, 36
AVDD18
1.8V Analog Power Supply. Bypass AVDD18 to EP with 0.1µF and 0.001µF capacitors as close as
possible to the device with the smaller capacitor closest to AVDD18.
26–29,
32–35
DOUT_+,
DOUT_-
CSI-2 Data Outputs
30, 31
CLK+, CLK-
CSI-2 Clock Output
38
ADD1/CNTL3
Auxiliary Control Signal Output/Address Selection Input, with Internal Pulldown to EP. Functions as
ADD1 input at power-up or when resuming from power-down mode (PWDN = low), and switches to
CNTL3 output automatically after power-up.
ADD1: Bit value is latched at power-up or when resuming from power-down mode (PWDN = low). See
Table 1. Connect ADD1/CNTL3 to IOVDD with a 30kΩ resistor to set high or leave open to set low.
CNTL3: Used only in high-bandwidth mode (BWS = open.
39
ADD0/CNTL0
Auxiliary Control Signal Output/Address Selection Input, with Internal Pulldown to EP. Functions as
ADD0 input at power-up or when resuming from power-down mode (PWDN = low), and switches to
CNTL0 output automatically after power-up.
ADD0: Bit value is latched at power-up or when resuming from power-down mode (PWDN = low).
See Table 1. Connect ADD0/CNTL0 to IOVDD with a 30kΩ resistor to set high or leave open to set low.
CNTL0: Used only in high-bandwidth mode (BWS = open).
40
LOCK
Open-Drain Lock Output, with Internal 60kΩ Pullup to IOVDD. LOCK = high indicates that PLLs are
locked with correct serial-word-boundary alignment. LOCK = low indicates that PLLs are not locked or
an incorrect serial-word-boundary alignment. LOCK is high when PWDN = low.
41
ERR
Error Output. Open-drain data error detection and/or correction indication output with internal 60kΩ
pullup to IOVDD. ERR is high when PWDN is low.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com